Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 206 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 206 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 202Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 203Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 204Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 205Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 206Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 207Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 208Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 209Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 210Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
22.10.12 CAN Interrupt Clear Register n (CICLRn)
The CICLRn register bits individually clear CAN interrupt pending flags caused by the message buffers
and from the Error Management Logic. Do not modify this register with instructions that access the
register as a read-modify-write operand, such as the bit manipulation instructions.
15
14
0
EICLR
ICLR
0
W
EICLR
The Error Interrupt Clear bit is used to clear the EIPND bit.
0 – The EIPND bit is unaffected by writing 0.
1 – The EIPND bit is cleared by writing 1.
ICLR
The Buffer Interrupt Clear bits are used to clear the IPND bits.
0 – The corresponding IPND bit is unaffected by writing 0.
0 – The corresponding IPND bit is cleared by writing 1.
22.10.13 CAN Interrupt Code Enable Register n (CICENn)
The CICENn register controls whether the interrupt pending flag in the CIPND register is translated into
the Interrupt Code field of the CSTPND register. All interrupt requests, CAN error, and message buffer
interrupts can be enabled/ disabled separately for the interrupt code indication field.
15
14
0
EICEN
ICEN
0
R/W
EICEN
The Error Interrupt Code Enable bit controls encoding for error interrupts.
0 – Error interrupt pending is not indicated in the interrupt code.
1 – Error interrupt pending is indicated in the interrupt code.
ICEN
The Buffer Interrupt Code Enable bits control encoding for message buffer interrupts.
0 – Message buffer interrupt pending is not indicated in the interrupt code.
1 – Message buffer interrupt pending is indicated in the interrupt code.
22.10.14 CAN Status Pending Register n (CSTPNDn)
The CSTPNDn register holds the status of the CAN Node and the Interrupt Code.
15
8 7
5
4
3
0
Reserved
NS
IRQ
IST
0
R
NS
The CAN Node Status field indicates the status of the CAN node as shown in Table 22-17.
Table 22-17. CAN Node Status
NS
Node Status
000
Not Active
010
Error Active
011
Error Warning Level
10x
Error Passive
11x
Bus Off
206
Dual CAN Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com