Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 199 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 199 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 195Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 196Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 197Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 198Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 199Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 200Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 201Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 202Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
ID
The ID field is used to build the 29-bit identifier of an extended frame. The ID[28:18] field is used
for the 11 standard frame identifier bits.
22.10.5 Storage of Remote Messages
During remote frame transfer, the buffer registers DATA0–DATA3 are “don’t cares”. If a remote frame is
transmitted, the contents of these registers are ignored. If a remote frame is received, the contents of
these registers will be overwritten with invalid data. The structure of a message buffer set up for a remote
frame with extended identifier is shown in Table 22-12.
Table 22-12. Extended Remote Frame
Buffer
Address
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Register
BASE + 00h
CNSTAT
DLC
Reserved
PRI
ST
BASE + 04h
TSTP
TSTP[15:0]
BASE + 08h
DATA3
Data7[7:0]
Data8[7:0]
BASE + 0Ch
DATA2
Data5[7:0]
Data6[7:0]
BASE + 10h
DATA1
Data3[7:0]
Data4[7:0]
BASE + 14h
DATA0
Data1[7:0]
Data2[7:0]
BASE + 18h
ID0
ID[14:0]
RTR
BASE + 1Ch
ID1
ID[28:18]
SRR
IDE
ID17:15]
SRR The Substitute Remote Request bit replaces the RTR bit used in standard frames at this bit
position. The SRR bit needs to be set by software if the buffer is configured to transmit a message
with an extended identifier. It will be received as monitored on the CAN bus.
IDE
The Identifier Extension bit determines whether the message is a standard frame or an extended
frame.
0 – Message is a standard frame using 11 identifier bits.
1 – Message is an extended frame.
RTR The Remote Transmission Request bit indicates whether the message is a data frame or a remote
frame.
0 – Message is a data frame.
1 – Message is a remote frame.
ID
The ID field is used to build the 29-bit identifier of an extended frame.
22.10.6 CAN Global Configuration Register n (CGCRn)
The CGCRn register is a 16-bit, read/write register used to:
•
Enable/disable the CAN module.
•
Configure the BUFFLOCK function for the message buffer 0..14.
•
Enable/disable the time stamp synchronization.
•
Set the logic levels of the CAN Input/Output pins, CANnRX and CANnTX.
•
Choose the data storage direction (DDIR).
•
Select the error interrupt type (EIT).
•
Enable/disable diagnostic functions.
15
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
EIT
DIAGEN
INTERNAL
LOOPBACK
IGNACK
LO
DDIR
TSTPE
BUFFLOCK
CRX
CT
CANEN
N
X
0
0
R/W
R/W
Copyright © 2013, Texas Instruments Incorporated
Dual CAN Interfaces
199
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com