| Electronic Components Datasheet Search |
|
CP3SP33SMS/NOPB Datasheet(PDF) 124 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CP3SP33SMS/NOPB Datasheet(HTML) 124 Page - Texas Instruments |
|
124 / 407 page ![]() CLKIN t1 RESET DS334 SDAT SCLK B3k2 BPOR t2 RFCE t3 t4 RFDATA t5 SLE Idle DS324 Crystal Osc. Stable RF Init RFCE = High RFDATA = Don't Care Write Registers RESET# = High and Power is On Power-Up Wait for Crystal Osc. To Stabilize RESET# = Low or Power is cycled Off RFCE = High Wait XTL Wait for Crystal Osc. To Stabilize RFCE = Low Sleep Any State Any State After RF Init Crystal Osc. Stable CP3SP33 SNOSCW5 – MAY 2013 www.ti.com Figure 19-10. LMX5252 Power States The power-up sequence for a Bluetooth system based on the CP3SP33 and LMX5252 devices is shown in Figure 19-11. Figure 19-11. LMX5252 Power-Up Sequence 19.5 Bluetooth Sleep Mode The Bluetooth controller is capable of putting itself into a sleep mode for a specified number of Slow Clock cycles. In this mode, the controller clocks are stopped internally. The only circuitry which remains active are two counters (counter N and counter M) running at the Slow Clock rate. These counters determine the duration of the sleep mode. The sequence of events when entering the LLC sleep mode is as follows: 1. The current Bluetooth counter contents are read by the CPU. 2. Software “estimates” the Bluetooth counter value after leaving the sleep mode 3. The new Bluetooth counter value is written into the Bluetooth counter register. 124 Bluetooth Controller Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links :CP3SP33 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |