Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 125 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 125 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 121Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 122Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 123Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 124Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 125Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 126Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 127Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 128Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 407 page
background image
Active
Power Save
CPU
Active
Stopped/Slow
System Clock
System Clock
Main Clock
BT LCC Clock
Active
Stopped
12 MHz
Main Clock
Active
Stopped
1 MHz/12 MHz
BT Clock
Active
Stopped
Sequencer
Enabled
Disabled
HCC
Asserted
Deasserted
HCC
N
M
Start-up
CPU Handles
Wake-Up IRQ
from MIWU
CPU
Prepare for
Sleep Mode
DS017
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
4. The Bluetooth sequencer RAM is updated with the code required by the Bluetooth sequencer to
enter/exit Sleep mode.
5. The Bluetooth sequencer RAM and the Bluetooth LLC registers are switched from the HCLK Clock
domain to the local 12 MHz Bluetooth clock domain. At this point, the Bluetooth sequencer RAM and
Bluetooth LLC registers cannot be updated by the CPU, because the CPU no longer has access to the
Bluetooth LLC.
6. Hardware Clock Control (HCC) is enabled, and the CP3SP33 enters a low-power mode (Power Save
or Idle mode). While in Power Save mode, the Slow Clock drives the HCLK Clock. While in Idle mode,
the HCLK Clock is turned off.
7. The Bluetooth sequencer checks if HCC is enabled. If HCC is enabled, the sequencer asserts HCC to
the PMM. On the next rising edge of the low-frequency clock, the 1MHz clock and the 12 MHz clock
are stopped locally within the Bluetooth LLC. At this point, the Bluetooth sequencer is stopped.
8. The M-counter starts counting. After M + 1 Slow Clock cycles, the HCC signal to the PMM is
deasserted.
9. The PMM restarts the 12 MHz Main Clock (and the PLL, if required). The N-counter starts counting.
After N + 1 Slow Clock cycles, the Bluetooth clocks (1 MHz and 12 MHz) are turned on again. The
Bluetooth sequencer starts operating.
10. The Bluetooth sequencer waits for the completion of the sleep mode. When completed, the Bluetooth
sequencer asserts a wake-up signal to the MIWU (see Section 17.0 Section 17).
11. The PMM switches the HCLK Clock to the high-frequency clock and the CP3SP33 enters Active mode
again. HCC is disabled. The Bluetooth sequencer RAM and Bluetooth LLC registers are switched back
from the local 12 MHz Bluetooth clock to the HCLK Clock. At this point, the Bluetooth sequencer RAM
and Bluetooth LLC registers are once again accessible by the CPU. If enabled, an interrupt is issued to
the CPU.
Figure 19-12. Bluetooth Sleep Mode Sequence
19.6 Bluetooth Global Registers
Table 19-2 shows the memory map of the Bluetooth LLC global registers.
Copyright © 2013, Texas Instruments Incorporated
Bluetooth Controller
125
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com