| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 20 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 130 page ![]() 21 NXP Semiconductors RF Manual 16th edition Recommended products Function Product Package Type 2nd & 3rd stage LNA RF transistor SiGe:C transistor SOT343F BFU710F BFU730F Function Product Package Type Mixer/ oscillator/ downconverter RF IC SOT763 TFF1014HN Product highlight: Industry’s lowest-power integrated Ku-band downconverters These Universal DVB-S compliant Ku-band downconverters consume about 50% less current (52 mA) than other integrated solutions. They are fully integrated (PLL synthesizer/mixer/IF gain block) and RF tested – which results in significantly decreased manufacturing time. Stability of the local oscillator is guaranteed, which improves overall system reliability over temperature and time, and eliminates the need for manual alignment in production. Features ` Ultra-low current consumption (I CC = 52 mA) ` Low phase noise (1.5° RMS typ) ` Integration bandwidth from 10 kHz to 13 MHz ` Small PCB footprint - DHVQFN16 package (2.5 x 3.5 x 0.85 mm) - Only 7 external components - No inductors necessary 1.3.4 Satellite outdoor unit, twin low-noise block (LNB) with integrated mixer / oscillator / downconverter Application diagram aaa-002896 LNA1 H V LNA2 3 LNA3 LNA3 LNA3 shared crystal LNA3 H/V DETECT BPF TFF1014 SWITCHED TO LOW-BAND BPF LNA1 LNA2 22 kHz TONE DETECT TFF1014 SWITCHED TO HIGH-BAND IF out 1 IF out 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |