| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 60 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 60 Page - NXP Semiconductors |
|
60 / 130 page ![]() 61 NXP Semiconductors RF Manual 16th edition 2.4Portabledevices 2.4.1 ThebestreceptionofGNSSsignalswiththesmallestfootprint NXP SiGe:C GPS LNAs BGU700x/BGU8007 NXP's GPS low-noise amplifiers offer the best reception of weak signals because of dynamic suppression of strong cellular and WLAN transmit signals. Moreover, as only two external components are required, designers can save up to 50% in PCB size and 10% in component cost. These SiGe:C low-noise amplifiers (LNAs) improve the reception of GPS signals, including GloNass and Galileo. Available in extremely small 6-pin packages, they reduce footprint, lower cost, and enhance reception in systems that use an active or patch antenna. GPS has become a standard feature in a very wide range of consumer products, from personal navigation devices to digital video cameras, watches, electric cars, and more. GPS signal power levels are weak and below the noise floor at -155 dBm. In many of these products, especially smart phones, strong transmitters such as WLAN and cellular can drive the GPS LNA into compression. When the GPS LNA is in compression, it has lower gain, and that can worsen GPS reception. Also, when the LNA is in compression, it generates intermodulation products and harmonics from the transmitter signals, which can overpower the weak GPS signals and lead to no GPS reception. The NXP BGU700x/BGU8007 series use adaptive biasing to immediately detect any output power from jammers, and compensate by temporarily increasing the current. As a result, optimal GPS signal reception is maintained for as long as possible. Each device in the BGU700x/BGU8007 series requires only one input matching inductor and one supply decoupling capacitor to complete the design. This creates a very compact design and lowers the bill of materials. Designers can save up to 50% in PCB size and 10% in component cost. For example, the BGU7005 is in a 1.45 x 1 mm package with application area at only 4.53 mm2. This is 50% smaller than a comparable solution with a 9.06 mm2 application area. Key features Low noise figure: 0.75 dB System-optimized gain of 16.5 or 19 dB Adaptive biasing dynamically suppresses strong cellular and WLAN transmit signals, resulting in improved linearity of 10 dB better IP3 under -40 to -20 dBm jamming conditions and effective GPS output with jammer powers up to -15 dBm AEC-Q100 qualified (BGU7004, BGU7008) for highest reliability in harsh conditions Only two external components required Small 6-pin leadless package: 1.45 x 1.0 x 0.5 mm Key benefits Maintains optimal GPS signal reception for as long as possible Significant PCB size savings (50%) Lower component cost (10%) Applications Smart phones, feature phones Tablets Personal Navigation Devices (PNDs) Digital Still Camera (DSCs) Digital Video Camera (DVCs) RF front-end modules (used in phones) Complete GPS chipset modules (used in DSCs) Automotive applications (BGU7004/8): toll collection, emergency call |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |