| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 94 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 94 Page - NXP Semiconductors |
|
94 / 130 page ![]() 95 NXP Semiconductors RF Manual 16th edition 3.7.1 RF power transistors for base stations Device naming conventions RF power transistors for base stations Why choose NXP‘s RF power transistors for base stations: ` Leading technology (generations 6, 7, and 8 of LDMOS) ` Highest efficiency ` Best ruggedness ` Advanced Doherty amplifier designs ` Very broad band (video bandwidth enhanced) devices ` Industry’s first 3.8 GHz Doherty ` Industry's first three-way, 900 MHz Doherty ` Industry's first 50 V, 600 W, single-package Doherty NXP offers complete line-ups of RF power transistors operating from 800 MHz right up to 3.8 GHz for base stations, covering all cellular technologies [MC-GSM/EDGE, TDMA, (TD-S)CDMA, W-CDMA/UMTS, LTE] and WiMAX infrastructures. B L F 6 G 22 L S -45 P R B N G V video bandwidth enhanced gullwing-shaped leads specialty option: current sense lead enhanced ruggedness push-pull device P1dB power option: earless package option: low thermal resistivity operating frequency (in 100MHz; maximum) G: standard LDMOS LDMOS technology generation F: LDMOS transistor in ceramic package C: LDMOS transistor in air cavity plastic (ACP) package D: fully integrated Doherty amplifier M: MMIC module L: high frequency power transistor B: semiconductor die made of Si 3.7 RF power transistors NEW: RF power transistor selection guide on www.nxp.com/rfpower Easy-to-use parametric filters help you choose the right RF power transistor for your design. 3.7.1.1 0.7 - 1.0 GHz line-up Test signal performance Type Product f min (MHz) f max (MHz) P1dB (W) Matching VDS (V) P L (W) BO (dB) η D (%) G p (dB) Test signal Package BLP7G22-10* Driver 700 2200 10 - 28 2 7.0 26 17 2-c WCDMA SOT1179 BLM6G10-30(G) MMIC 920 960 30 I/O 28 2 11.8 11.5 29 2-c WCDMA SOT822 BLF6G10L-40BRN Driver/final 700 1000 40 I 28 2.5 12.0 15 23 2-c WCDMA SOT1112A BLF6G10(S)-45 700 1000 45 I 28 1 16.5 8 23 2-c WCDMA SOT608 BLP7G07S-140P(G)* Final 700 900 140 O 28 35 6.0 28 19 2-c WCDMA SOT1224 BLF8G10L(S)-300P* 850 960 300 I/O 28 60 7.0 30 19 2-c WCDMA SOT539 BLF8G10L(S)-160 920 960 160 I/O 30 35 6.6 29 19.7 2-c WCDMA SOT502 BLF7G10L(S)-250 920 960 250 I/O 30 60 6.2 30.5 19.5 2-c WCDMA SOT502 BLF6G10(LS)-200RN 688 1000 200 I 28 40 7.0 28.5 20 2-c WCDMA SOT502 BLF6G10(LS)-135RN 700 1000 135 I 28 26.5 7.1 28 21 2-c WCDMA SOT502 BLF6H10L(S)-160 700 1000 160 - 50 45 5.5 30 20 2-c WCDMA SOT467 BLF6G10(LS)-160RN 700 1000 160 I 32 32 7.0 27 22.5 2-c WCDMA SOT502 BLF8G10L(S)-160V* 700 1000 160 I/O 30 35 6.6 28 30 2-c WCDMA SOT1244 BLF8G10LS-200GV* 700 1000 200 I/O 28 45 6.5 28 19.3 2-c WCDMA SOT1244C BLF6G10L(S)-260PRN 700 1000 260 I 28 40 8.1 26.5 22 2-c WCDMA SOT539 BLF8G10LS-270GV* 700 1000 270 I/O 28 56 6.8 28 19.6 2-c WCDMA SOT1244C BLF8G10LS-400PGV* 700 1000 400 I/O 28 79 7.0 27 19.4 2-c WCDMA SOT1242C BLP7G09S-140P(G)* 900 1000 140 O 28 35 6.0 28 19 2-c WCDMA SOT1224 Bold red = new, highly recommended product * Check status in section 3.1, as this type is not yet released for mass production |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |