| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 10 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 10 Page - NXP Semiconductors |
|
10 / 130 page ![]() 11 NXP Semiconductors RF Manual 16th edition Product highlight: Digital VGAs BGA7204 & BGA7210 These 6-bit digital VGAs offer high linearity (35 dBm @ 2.2-2.8 GHz) and high output power (23 dBm @ 2.2-2.8 GHz) across a large bandwidth without external matching. Smart routing with no connection crosses simplifies design and decreases footprint by 25%. The unique power-save mode can effectively reduce the current consumption in TDD systems up to 45%. The BGA7210 adds flexible current distribution across its two amplifiers, depending on the attenuation state, to save current. Features ` Internally matched for 50 Ω - BGA7204 = 0.4 to 2.75 GHz - BGA7210 = 0.7 to 3.8 GHz ` High maximum power gain - BGA7204 = 18.5 dB - BGA7210 = 30 dB ` High output third-order intercept, IP3 O - BGA7204 = 38 dB - BGA7210 = 39 dB ` Attenuation range of 31.5 dB, 0.5 dB step size (6 bit) ` Fast switching power-save mode (power-down pin) ` Digitally controlled current setting from 120 to 195 mA with an optimum at 185mA (BGA7210 only) ` Simple control interfaces (SPI) ` ESD protection on all pins (HBM 4 kV; CDM 2 kV) Function Product Package Type Discrete attenuator RF diode PIN diode SOT753 BAP64Q SOT753 BAP70Q Various BAP64^ Function Product Package Type LNA (low noise amplifier) RF transistor SiGe:C transistor SOT343F BFU725F/N1 BFU690F BFU730F BFU760F BFU790F MMIC SiGe:C MMIC SOT650 BGU7051 BGU7052 BGU7053 SOT1301 BGU7060 BGU7061 BGU7062 BGU7063 Function Product Gain range Package Type Single VGA (variable-gain amplifier) MMIC 31 dB SOT617 BGA7210 BGA7204 Function Product Gain range Package Type Dual VGA (variable-gain amplifier) MMIC 24 dB SOT617 BGA7350 28 dB BGA7351 Function Product PL (1dB) @ 940 MHz Package Type MPA (medium power amplifier) MMIC 24 dBm SOT89 BGA7024 28 dBm BGA7027 25 dBm SOT908 BGA7124 28 dBm BGA7127 30 dBm BGA7130 Function Product Frequency Package Type Dual mixer MMIC 0.7 - 1.2 GHz SOT1092 BGX7220 1.7 -2.7 GHz BGX7221 Function Product Noise Package Type PLL + VCO (LO generator) MMIC 131 dBc/Hz @ 1 MHz offset @ 5.3 GHz SOT617 BGX7300* Function Product Output power Package Type IQ modulator MMIC 0 dBm SOT616 BGX7100 4 dBm BGX7101 * Check status in section 3.1, as this type is not yet released for mass production for mass production ^ SOD523, SOD323, SOT23 & SOT323 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |