| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 13 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 130 page ![]() 14 NXP Semiconductors RF Manual 16th edition 1.1.3 Repeater Application diagram Recommended products Product highlight: BGX7221 MMIC dual down-mixer The BGX7221 combines a pair of high performance, high linearity down-mixers for use in receivers that have a common local oscillator used with, for example, main and diversity paths. The device covers frequency bands from 1700 to 2700 MHz with an extremely flat behavior. Features ` 8.5 dB conversion gain over all bands ` 13 dBm input, 1 dB compression point ` 25.5 dBm input third-order intercept point ` 10 dB (typ) small signal noise figure ` Integrated active biasing ` Single +5 V supply operation ` Power-down per mixer with hardware control pins ` Low bias current in power-down mode ` Matched 50 Ω single-ended RF and LO input impedances ` ESD protection at all pins brb631 I-DAC Q-DAC PA Tx0 LPF LPF LPF LPF RF SAW RF SAW PA VGA VGA Tx1 Rx0 Rx1 Dual mixer Dual DAC PLL VCO LO Signal Clock Recovery jitter cleaner DDC/ DUC Filtering mixer mixer ADC ADC Dual ADC Dual VGA Dual mixer mixer mixer LNA LNA LNA Function Product PL (1 dB) @ 940 MHz Package Type MPA (medium power amplifier) MMIC 24 dBm SOT89 BGA7024 28 dBm BGA7027 25 dBm SOT908 BGA7124 28 dBm BGA7127 30 dBm BGA7130 Function Product Gain range Package Type Dual VGA (variable-gain amplifier) MMIC 24 dB SOT617 BGA7350 28 dB BGA7351 Function Product Frequency range Package Type Dual mixer MMIC 1.7 - 2.7 GHz SOT1092 BGX7220 0.7 - 1.2 GHz BGX7221 Function Product Package Type LNA SiGe:C MMIC SOT650 BGU7051 BGU7052 BGU7053 SOT1301 BGU7060 BGU7061 BGU7062 BGU7063 Function Product Noise Package Type PLL + VCO (LO generator) MMIC -131 dBc/Hz @ 1 MHz offset @ 5.3 GHz SOT617 BGX7300* * Check status in section 3.1, as this type is not yet released for mass production Function Product f min (MHz) f max (MHz) P1dB (W) Matching Package Type HPA Driver 700 2200 10 - SOT1179 BLP7G22-10* 2300 2700 10 I SOT975 BLF6G27-10(G) Driver/final 700 1000 45 I SOT608 BLF6G10(S)-45 1450 1550 40 I/O SOT1135 BLF6G15L(S)-40RN 1800 2000 45 I/O SOT608 BLF6G20(S)-45 2110 2170 40 I/O SOT1121 BLF6G22L(S)-40P 2500 2700 40 I/O SOT1121 BLF6G27L(S)-40P 3400 3800 50 I/O SOT502 BLF6G38(LS)-50 Integrated Doherty 2010 2025 50 O SOT1130 BLD6G21L(S)-50 2110 2170 50 I/O SOT1130 BLD6G22L(S)-50 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |