| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 100 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 100 Page - NXP Semiconductors |
|
100 / 130 page ![]() 101 NXP Semiconductors RF Manual 16th edition Type f min (MHz) f max (MHz) P out (W) Matching VDS (V) η D (%) G p (dB) Test signal Package Applications CLF1G0060-10* 0 6000 10 - 50 54 14 Pulsed SOT1227 Cellular, WiMAX, ISM, avionics, S-band, general purpose CLF1G0060-30* 0 6000 30 - 50 54 14 Pulsed SOT1227 Cellular, WiMAX, ISM, avionics, S-band, general purpose CLF1G0035-50* 0 3500 50 - 50 54 14.2 Pulsed SOT467 Cellular, WiMAX, ISM, avionics, S-band, general purpose CLF1G0035-100* 0 3500 100 - 50 52 14.8 Pulsed SOT467 Cellular, WiMAX, ISM, avionics, S-band, general purpose 3.7.3.3 S-band LDMOS transistors Type Product f min (MHz) f max (MHz) P1dB (W) VDS (V) P L (W) η D (%) G p (dB) Test signal Package BLS6G2731-6G Driver 2700 3100 6 32 6 33 15 pulsed SOT975C BLS6G3135(S)-20 3100 3500 20 32 20 45 15.5 pulsed SOT608 BLS6G2735L(S)-30 2700 3500 30 32 30 50 13 pulsed SOT1135 BLS2933-100 Final 2900 3300 100 32 100 40 8 pulsed SOT502A BLS7G2325L-105 2300 2500 105 30 105 55 16.5 pulsed SOT502A BLS6G2731(S)-120 2700 3100 120 32 120 48 13.5 pulsed SOT502 BLS6G3135(S)-120 3100 3500 120 32 120 43 11 pulsed SOT502 BLS6G2731S-130 2700 3100 130 32 130 50 12 pulsed SOT922-1 BLS6G2933S-130 2900 3300 130 32 130 47 12.5 pulsed SOT922-1 BLS7G2933S-150 2900 3300 150 32 150 47 13.5 pulsed SOT922-1 BLS7G2729L(S)-350P 2700 2900 350 32 350 50 13.5 pulsed SOT539 BLS7G3135L(S)-350P 3100 3500 350 32 350 43 10 pulsed SOT539 3.8 Wireless microcontroller chipsets and modules Type Module/ single chip Application TX power Receiver sensitivity TX current RX current Operating voltage Form factor JN5148-001-M00 Module 2.4-2.4835 GHz +2.5 dBm –95 dBm 15 mA 17.5 mA 2.3-3.6 V Integral antenna 18 x 32 mm JenNet & IEEE802.15.4 JN5148-001-M03 Module 2.4-2.4835 GHz +2.5 dBm –95 dBm 15 mA 17.5 mA 2.3-3.6 V U.FL connector 18 x 30 mm JenNet & IEEE802.15.4 JN5148-001-M04 Module 2.4-2.4835 GHz +20 dBm –98 dBm 110mA 23 mA 2.7-3.6 V U.FL connector 18 x 41 mm JenNet & IEEE802.15.4 JN5142-J01 Single chip 2.4-2.4835 GHz +2.5 dBm –95 dBm 15 mA 17.5 mA 2.3-3.6 V 6 x 6 mm QFN40 JenNet-IP JN5148-J01 Single chip 2.4-2.4835 GHz +2.5 dBm –95 dBm 15 mA 17.5 mA 2.3-3.6 V 8 x 8 mm QFN56 JenNet-IP JN5142-001 Single chip 2.4-2.4835 GHz +2.5 dBm –95 dBm 15 mA 17.5 mA 2.3-3.6 V 6 x 6 mm QFN40 RF4CE & IEEE802.15.4 JN5148-001 Single chip 2.4-2.4835 GHz +2.5 dBm –95 dBm 15 mA 17.5 mA 2.3-3.6 V 8 x 8 mm QFN56 JenNet & IEEE802.15.4 JN5148-Z01 Single chip 2.4-2.4835 GHz +2.5 dBm –95 dBm 15 mA 17.5 mA 2.3-3.6 V 8 x 8 mm QFN56 ZigBee PRO 3.7.4 Gallium Nitride (GaN) RF power amplifiers Device naming conventions GaN RF power amplifiers Device naming conventions GaN RF power amplifiers C L F 1G 0040 S # P P: push-pull indicator, P = push-pull type; no P means single-ended transistor nominal P3dB in Watts: eg 50 = 50W S earless type, S = earless; no S means eared package upper frequency, 10x GHz value: 35 = 3.5GHz; 60 = 6.0GHz lower frequency, 10x GHz value: 00 = 0GHz or DC; 40 = 4.0GHz 1G: technology generation: 1G = 1st generation F: package style: F = ceramic, P = overmolded plastic L: high frequency power transistor C: primary material identifier: C = wide band-gap compound materials, eg GaN 35 to 60: 00 to 40: 2 to 1500: Bold red = new, highly recommended product * Check status in section 3.1, as this type is not yet released for mass production |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |