| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 85 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 85 Page - NXP Semiconductors |
|
85 / 130 page ![]() 86 NXP Semiconductors RF Manual 16th edition @ 1.575 GHz Type Package Supply voltage Supply current Insertion power gain Noise figure Input power at 1 dB gain compression Input third-order intercept point f 1 = 1713 MHz, f2 = 1851 MHz V cc I cc |s 21| 2 NF P L(1dB) IP3 i (V) (mA) (dB) (dB) (dBm) (dBm) Min Max Min Typ Max Min Typ Max Typ BGU7003 SOT891 2.2 2.85 3 - 15 16 18.3 20 0.8 - - - - - - -20 - - - - - - - - 0 - - BGU7004^ SOT886 1.5 2.85 - 4.5 - - 16.5* - 0.9 - - -14 -11 - - - -11 -8 - - 5 9 - - - 5 12 BGU7005 SOT886 1.5 2.85 - 4.5 - - 16.5* - 0.9 - - -14 -11 - - - -11 -8 - - 5 9 - - - 5 12 BGU7007 SOT886 1.5 2.85 - 4.8 - - 18.5** - 0.9 - - -15 -12 - - - -14 -11 - - 1 4 - - - 2 5 BGU7008^ SOT886 1.5 2.85 - 4.8 - - 18.5** - 0.9 - - -15 -12 - - - -14 -11 - - 1 4 - - - 2 5 BGU8006 WL-CSP 1.5 3.1 - 4.1 - - 17.5**** - 0.6# - - - -10 - - - - -8 - - - 5 - - - - 8 BGU8007 SOT886 1.5 2.2 - 4.6 - - 19.0*** - 0.75# -15 -12 - - -13 -10 - - - 1 4 - - 2 5 - - - ^ AEC-Q101 qualified (some limitations apply) # Evaluation board losses excluded * 16.5 dB without jammer / 17.5 dB with jammer ** 18.5 dB without jammer / 19.5 dB with jammer *** 19.0 dB without jammer / 20.5 dB with jammer **** 17.5 dB without jammer / 19 dB with jammer LNAs for set-top boxes (75 Ω) Type Package Frequency range Mode @ Gain (1) NF P L (1dB) OIP3 FL (2) RL out RL in V CC I CC (MHz) (V) (mA) (dB) (dB) (dBm) (dBm) (dB) (dB) (dB) BGU7031 SOT363 40 - 1000 G P 10 dB 5 43 10 4.5 14 29 -0.2 12 18 BGU7032 SOT363 40 - 1000 G P 10 dB 5 43 10 4.5 14 29 -0.2 12 18 Bypass 5 4 -2 2.5 - 29 -0.2 8 8 BGU7033 SOT363 40 - 1000 G P 10 dB 5 43 10 4.5 14 29 -0.2 12 18 G P 5 dB 5 43 5 6 9 29 -0.2 12 17 Bypass 5 4 -2 2.5 - 29 -0.2 8 8 BGU7041 SOT363 40 - 1000 G P 10 dB 3.3 38 10 4 12 29 -0.2 12 21 BGU7042 SOT363 40 - 1000 G P 10 dB 3.3 38 10 4 12 29 -0.2 12 21 Bypass 3.3 3 -2 2.5 - 29 -0.2 10 10 BGU7044 SOT363 40 - 1000 G P 14 dB 3.3 34 14 2.8 13 29 -0.2 12 20 BGU7045 SOT363 40 - 1000 G P 14 dB 3.3 34 14 2.8 13 29 -0.2 12 20 Bypass 3.3 3 -2 2.5 - 27 -0.2 10 9 SiGe:C LNAs (for GPS and others) Type Package @ V CC @ I CC frange frange Gass NF P L(1dB) IP3 O RL in RL out [typ] [typ] [min] [max] [typ] [typ] [typ] [typ] [typ] [typ] (V) (mA) (MHz) (MHz) (dB) (dB) (dBm) (dBm) (dB) (dB) BGU7051 SOT650-1 3.3 65 500 750 23.5 0.6 17 32 27.5 18 750 850 21.5 0.63 16.5 32 26 17.5 900 1500 21 0.65 16.5 33 24.5 18 BGU7052 SOT650-1 3.3 80 1500 1750 21.5 0.76 15.5 37 23 22 1850 1900 20 0.76 14.5 35.5 23 22 1950 2500 19.7 0.79 14.5 35 22 21 BGU7053 SOT650-1 3.3 90 2300 2500 18.5 0.85 13.5 36 23 19.5 2700 2800 17.5 0.9 13 36 26 23 BGU7060 SOT1301AA 5 200 700 800 3 21 11 25.5 20 19 12 15 7.5 22.5 20 19 18 7.2 -7 4.5 20 19 35 1 -12.5 2.5 24 19 BGU7061 SOT1301AA 5 200 800 950 3 21 11 25.5 20 19 12 15 7.5 22.5 20 19 18 7.2 -7 4.5 20 19 35 1 -12.5 2.5 24 19 BGU7062 SOT1301AA 5 185 1710 1785 3 20.6 10.7 25.6 23 16 12 15 5.4 21 23 16 18 9.3 -7 3.4 23 16 35 0.98 -12.8 1 26 16 BGU7063 SOT1301AA 5 190 1920 1980 18 6.4 -6.4 5.4 35 15 230 35 1.05 -12.5 0.9 31 15 LNAs for wireless infrastructures (50 Ω) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |