| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 38 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 38 Page - NXP Semiconductors |
|
38 / 130 page ![]() 39 NXP Semiconductors RF Manual 16th edition 1.6.5 Medical imaging Application diagram Product highlight: LDMOS in emerging medical applications NXP’s line of 50 V high-voltage LDMOS devices enables highest power output and features unequalled ruggedness for pulsed operation in MRI and NMR applications. The high power densities enable compact amplifier design. Features ` Best broadband efficiency ` Highest power (density) devices ` Unrivalled ruggedness ` Consistent device performance brb434 RF coils Gradient coils Magnet RF amplifier X GRADIENT AMPLIFIER Y GRADIENT AMPLIFIER WAVEFORM GENERATOR Z GRADIENT AMPLIFIER RF ELECTRONICS COMPUTER ADC IMAGE DISPLAY Looking for more information on medical applications? See section 2.5.1 Medical applications driven by RF power: From imaging to cancer treatment, a flexible and versatile technology in the doctor’s toolbox Recommended products Function Product f min (MHz) f max (MHz) P1dB (W) Package Type HPA Driver 1 2500 12 SOT975 BLF25M612(G)* 10 500 20 SOT467C BLF571 Final 1 1000 100 SOT467 BLF871(S) 10 500 300 SOT502 BLF573(S) 10 500 600 SOT539A BLF574 10 500 600 SOT539 BLF574XR(S)* 10 500 1200 SOT539A BLF578 10 500 1400 SOT539 BLF578XR(S) 688 1000 200 SOT502 BLF6G10(LS)-200RN 700 1000 135 SOT502 BLF6G10(LS)-135RN 700 1000 160 SOT502 BLF6G10(LS)-160RN 2400 2500 140 SOT502 BLF2425M7L(S)140 2400 2500 180 SOT539 BLF2425M6L(S)180P* 2400 2500 200 SOT502 BLF2425M7L(S)200* 2400 2500 250 SOT539 BLF2425M7L(S)250P * Check status in section 3.1, as this type is not yet released for mass production |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |