| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 39 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 39 Page - NXP Semiconductors |
|
39 / 130 page ![]() 40 NXP Semiconductors RF Manual 16th edition brb410 RF signals RF small signal RF power control and timing local oscillator signal local oscillator video RF POWER BOARD MPA VGA LNA IF amplifier HPA ISOLATOR WAVEFORM GENERATOR DISPLAY AND CONTROL ANTENNA DRIVE DETECTOR PLL VCO duplexer mixer mixer PLL VCO video, timing, bias voltage, control and data I-f signals 1.7 Aerospace and defense 1.7.1 Microwave products for L- and S-band radar and avionics applications Application diagram Product highlight: BLS7G2729L-350P LDMOS S-band radar power transistor Designed for S-band operation (2.7 to 2.9 GHz), this internally matched LDMOS power transistor for rader applications delivers an output power of 350 W and a power gain of 13.5 dB at an efficiency of 50 %. Features ` Easy power control ` Integrated ESD protection ` High flexibility with respect to pulse formats ` Excellent ruggedness ` Excellent thermal stability Function Product f min (MHz) f max (MHz) P1dB (W) VDS (V) η D (%) G p (dB) Package Type HPA Driver 500 1400 25 50 50 19 SOT467C BLL6H0514-25 1030 1090 10 36 40 16 SOT467C BLA1011-10 1030 1090 2 36 - 16 SOT538A BLA1011-2 2700 3100 6 32 33 15 SOT975C BLS6G2731-6G 2700 3500 30 32 50 13 SOT1135 BLS6G2735L(S)-30 3100 3500 20 32 45 15.5 SOT608 BLS6G3135(S)-20 Final 400 1000 600 50 57 20 SOT539 BLU6H0410L(S)-600P 500 1400 130 50 50 17 SOT1135 BLL6H0514L(S)-130 960 1215 250 36 50 13.5 SOT502A BLA0912-250R 960 1215 500 50 50 17 SOT634A BLA6H0912-500 1030 1090 200 28 65 20 SOT502 BLA6G1011LS-200RG 1030 1090 600 48 52 17 SOT539A BLA6H1011-600 1200 1400 250 36 45 15 SOT502A BLL6G1214L-250 1200 1400 500 50 50 17 SOT539A BLL6H1214-500 1200 1400 250 50 55 17 SOT502 BLL6H1214L(S)-250 2700 3100 130 32 50 12 SOT922-1 BLS6G2731S-130 2700 2900 350 32 50 13.5 SOT539 BLS7G2729L(S)-350P 2900 3300 150 32 47 13.5 SOT922-1 BLS7G2933S-150 3100 3500 120 32 43 11 SOT502 BLS6G3135(S)-120 3100 3500 350 32 43 10 SOT539 BLS7G3135L(S)-350P* * Check status in section 3.1, as this type is not yet released for mass production Recommended products |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |