| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 87 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 87 Page - NXP Semiconductors |
|
87 / 130 page ![]() 88 NXP Semiconductors RF Manual 16th edition 3.4.2 Wireless infrastructure ICs Low-noise PLL + VCO (LO generator) for wireless infrastructures Type Package @ V CC @ I CC fi(ref) VCO output frequency (MHz) RF output frequency (MHz) Normalized phase noise Phase noise @ 1MHz Integrated RMS phase error Programmable output power [typ] [typ] [min] [max] [max] [max] [typ] (V) (mA) (MHz) (dBc/Hz) (dBc/Hz) deg (dBm) BGX7300* SOT1092-2 3.3 150 10 - 250 2200 - 2750 2750 - 3500 3500 - 4400 68 - 4400 -225 -134 (2.2 GHz carrier) -133 (3.0 GHz carrier) -131 (4.2 GHz carrier) 0.24° @ 2.1 GHz -5 to +5 IQ modulators for wireless infrastructure Type Package @ V CC @ I CC flo range flo Po BWmod Nflr(o) * P L(1dB) IP2 O IP3 O SBS CF [typ] [typ] [typ] [typ] [typ] [typ] [typ] [typ] [typ] [typ] (V) (mA) (MHz) (MHz) (dBm) (MHz) (dBm/Hz) (dBm) (dBm) (dBm) (dBc) (dBm) BGX7100 SOT616-3 5 165 400 - 4000 750 -0.2 400 -159/-158.5 11.5 71 29 55 -55 165 910 -159/-158.5 11.5 72 29 49 -55 173 1840 -158.5/-158 11.5 69 27 47 -50 173 1960 -158.5/-158 11.5 72.5 27 49 -48 178 2140 -158.5/-158 11.5 74 27 51 -45 178 2650 -158/-158 11.5 62 26 60 -45 184 3650 -158/-158 11.5 60 25 53 -43 BGX7101 SOT616-3 5 172 400 - 4000 750 4 650 -159/-158.5 12 71 28 63 -51 172 910 -159/-158.5 12 75 28 49 -57 180 1840 -158.5/-158 12 71 27 55 -50 180 1960 -158.5/-158 12 72 27 57 -47 178 2140 -158.5/-158 12 75 27 63 -45 182 2650 -158/-158 12 65 26 50 -45 188 3650 -158/-158 12 65 25 57 -42 * Without modulation/with modulation Dual mixers for wireless infrastructure Type Package @ V CC @ I CC RF input frequency RF input frequency Local oscillator frequency Local oscillator frequency Second-order spurious rejection 2RF-2LO NFSSB single- sideband IP3 i Gconv [typ] [typ] [min] [max] [min] [max] [max] [typ] [typ] [typ] (V) (mA) (MHz) (MHz) (MHz) (MHz) (dBc) (dB) (dBm) (dB) BGX7220 SOT1092-2 5 330 700 950 500 1150 -60 10 26 8 BGX7221 SOT1092-2 5 365 1400 2700 1500 2500 -60 10 25.5 8.5 Bold red = new, highly recommended product * Check status in section 3.1, as this type is not yet released for mass production |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |