| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 12 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 12 Page - NXP Semiconductors |
|
12 / 130 page ![]() 13 NXP Semiconductors RF Manual 16th edition Outdoor unit Function Product Gain range Package Type Single VGA (variable- gain amplifier) MMIC 31 dB SOT617 BGA7210 BGA7204 Function Product P L (1dB) @ 940 MHz Package Type MPA (medium power amplifier) MMIC 24 dBm SOT89 BGA7024 28 dBm BGA7027 25 dBm SOT908 BGA7124 28 dBm BGA7127 30 dBm BGA7130 Function Product Package Type Buffer RF transistor SiGe:C transistor SOT343F BFU725F/N1 BFU730F BFU760F BFU790F Function Product Package Type LNA RF transistor SiGe:C transistor SOT343F BFU725F/N1 BFU730F BFU760F BFU790F Function Product Package Type IF IF gain block MMIC SOT363 BGA2800 BGA2801 BGA2815 BGA2816 BGA2850 BGA2865 BGA2866 MMIC General- purpose wideband amplifiers BGM1014 BGM1013 BGM1012 BGA2714 Function Product Gain range Package Type Dual VGA (variable- gain amplifier) MMIC 24 dB SOT617 BGA7350 28 dB BGA7351 Function Product Noise Package Type PLL + VCO (LO generator) MMIC -131 dBc/Hz @ 1 MHz offset @ 5.3 GHz SOT617 BGX7300* Function Product Package Type Oscillator RF transistor Wideband transistor SOT343R BFG424W BFG425W SiGe:C transistor SOT343F BFU725F/N1 BFU730F BFU760F BFU790F * Check status in section 3.1, as this type is not yet released for mass production Product highlight: BGA7350 MMIC variable-gain amplifier The BGA7350 MMIC is a dual independent digitally controlled IF variable-gain amplifier (VGA) operating from 50 to 250 MHz. Each IF VGA amplifies with a gain range of 24 dB and, at its maximum gain setting, delivers 17 dBm output power at 1 dB gain compression with superior linear performance. The BGA7350 is optimized for a differential gain error of less than ±0.1 dB for accurate gain control and has a total integrated gain error of less than ±0.4 dB. It is housed in a 32-pin leadless HVQFN package (5 x 5 mm). Features ` Dual independent digitally controlled 24 dB gain range VGAs, with 5-bit control interface ` 50 to 250 MHz frequency operating range ` Gain step size: 1 dB ± 0.1 dB ` 18.5 dB power gain ` Fast gain stage switching capability ` 17 dBm output power at 1 dB gain compression ` 5 V single supply operation with power-down control ` Logic-level shutdown control pin reduces supply current ` ESD protection at all pins ` Unconditionally stable NXP BTS Tx component demonstrator board |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |