| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 84 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 84 Page - NXP Semiconductors |
|
84 / 130 page ![]() 85 NXP Semiconductors RF Manual 16th edition 3.4 RF ICs 3.4.1 RF MMIC amplifiers and mixers Why choose NXP's RF MMIC amplifiers and mixers: ` Reduced RF component count ` Easy circuit design-in ` Reduced board size ` Short time-to-market ` Broad portfolio ` Volume delivery ` Short lead time RF MMIC amplifiers and mixers selection guide on www.nxp.com/mmics Easy-to-use parametric filters help you choose the right zRF MMIC for your design. General-purpose wideband amplifiers (50 Ω) Type Package Gp [dB] Pl(1dB) [dBm] NF [dB] IP3o[dBm] Zout External Inductor Vcc (V) Is (mA) 250 MHz 500 MHz 750 MHz 250 MHz 500 MHz 750 MHz 250 MHz 500 MHz 750 MHz 250 MHz 750 MHz [Ohm] BGA2870 SOT363 2.5 15.6 31.2 31.1 31.0 5.0 4.0 4.0 3.1 3.2 3.7 15.0 13.0 50 N BGA2874 SOT363 2.5 16.0 31.1 31.0 30.6 5.0 4.0 4.0 3.0 3.1 3.4 19.0 17.0 50 N 250 MHz 950 MHz 2150 MHz 250 MHz 950 MHz 2150 MHz 250 MHz 950 MHz 2150 MHz 950 MHz 2150 MHz BGA2800 SOT363 3 10.5 19.9 20.5 20.2 -2.0 3.7 3.6 3.7 11.0 8.0 50 N BGA2803 SOT363 3 5.8 23.6 23.4 23.0 -6.0 -6.0 -8.0 3.7 3.6 3.4 5.0 2.0 50 N BGA2748 SOT363 3 5.7 17.6 21.9 17.8 -9.2 -10.9 1.7 1.9 2.4 -1.9 -1.4 50 N BGA2714 SOT363 3 4.6 20.7 20.4 20.8 -7.8 -7.9 -9.0 2.4 2.2 3.0 2.1 0.0 50 N BGA2801 SOT363 3 14.3 22.2 22.4 23.0 2.0 2.0 0.0 3.8 3.8 3.9 14.0 9.0 50 N BGA2802 SOT363 3 12.5 25.6 25.8 25.5 3.0 1.0 -3.0 4.2 4.1 3.6 13.0 6.0 50 N BGA2815 SOT363 3 18.2 25.8 25.3 25.2 8.0 5.0 1.0 3.7 3.8 3.7 17.0 10.0 50 N BGA2817 SOT363 3 20.0 24.5 24.7 25.1 6.0 6.0 5.0 3.9 3.9 3.8 18.0 15.0 50 N BGA2819 SOT363 3 16.0 27.0 27.0 28.0 2.0 1.0 3.2 3.3 12.0 11.0 50 N BGM1012 SOT363 3 14.6 19.6 20.0 20.4 6.0 3.4 4.9 4.8 4.9 18.0 13.0 50 Y BGA2816 SOT363 3 22.0 31.9 32.0 26.9 7.0 5.0 3.2 3.2 3.2 15.0 8.0 50 N BGA2818 SOT363 3 19.9 30.1 29.8 30.0 7.0 6.0 4.0 3.5 3.3 3.3 18.0 14.0 50 N BGA2819 SOT363 3 18.0 30.0 30.0 31.0 5.0 5.0 3.0 3.0 3.1 3.4 16.0 14.0 50 N BGA2850 SOT363 5 9.1 23.2 24.0 22.9 -2.0 4.2 4.1 4.0 10.0 8.0 50 N BGA2851 SOT363 5 7.0 23.3 24.7 25.2 -3.0 -4.0 -5.0 4.0 3.2 3.0 8.0 5.0 50 N BGA2715 SOT363 5 4.3 15.6 21.5 23.3 -8.0 -8.5 2.6 2.6 3.1 2.3 0.6 50 N BGA2717 SOT363 5 8.0 20.0 24.2 25.1 -2.6 -3.1 2.3 2.3 2.9 10.0 6.3 50 N BGA2712 SOT363 5 12.3 21.1 21.2 22.0 0.2 -2.0 4.2 3.9 4.3 11.0 6.0 50 N BGA2866 SOT363 5 17.4 23.2 23.9 24.3 4.0 4.0 3.0 3.9 3.8 3.9 17.0 12.0 50 N BGA2867 SOT363 5 21.7 26.4 27.2 27.2 6.8 6.5 4.9 3.7 3.8 3.7 18.8 14.1 50 N BGA2709 SOT363 5 23.5 22.5 22.7 23.0 8.3 5.7 4.3 4.0 5.1 22.0 14.0 50 Y BGA2716 SOT363 5 15.9 22.4 22.8 22.9 8.9 6.1 5.5 5.3 5.5 22.2 15.9 50 Y BGA2776 SOT363 5 24.4 22.9 23.2 23.2 7.2 6.0 4.7 4.9 5.3 18.6 14.4 50 Y BGA2865 SOT363 5 26.4 30.9 32.2 29.6 9.0 8.0 2.0 3.8 3.9 4.0 19.0 10.0 50 N BGA2868 SOT363 5 26.0 31.5 32.8 33.5 11.0 8.5 4.0 4.1 23.5 21.5 50 N BGA2869 SOT363 5 22.0 30.9 30.9 32.2 8.8 8.8 7.6 3.8 3.9 4.0 20.0 19.0 50 N BGM1013 SOT363 5 27.5 35.3 35.6 32.1 13.0 8.1 4.6 4.6 4.9 22.7 18.6 75 Y BGM1014 SOT363 5 21.0 30.2 32.2 34.3 11.2 5.7 4.3 4.2 4.2 20.5 15.1 75 Y General-purpose LNA MMICs Type Package |S21|2 [dB] Pl(1dB) [dBm] NF min [dB] IP3o [dBm] ESD protection V cc (V) Is (mA) 450 MHz 900 MHz 1800 MHz 2400 MHz 5800 MHz 450 MHz 900 MHz 2400 MHz 450 MHz 900 MHz 1800 MHz 2400 MHz 5800 MHz 450 MHz 900 MHz 1800 MHz 2400 MHz 5800 MHz kV HBM BGA2001 SOT343R 2.5 4.0 18.0 14.0 1.3 1.3 -7.4 -4.5 - BGA2002 (1) SOT343R 2.5 4.0 18.0 14.0 1.3 1.3 -7.4 -4.5 - BGA2003 SOT343R 2.5 10.0 19.0 14.0 1.8 1.8 -6.5 -4.8 - BGA2011 SOT363 3 15.0 19.0 1.5 10.0 - BGA2012 SOT363 3 7.0 16.0 1.7 10.0 - BGU7003 SOT891 2.5 5.0 20.0 15.2 11.4 0.6 0.8 1.5 1 BGU7003W SOT886 2.5 5.0 20.0 15.2 11.4 0.6 0.8 1.5 1 BGU6101 SOT1209 3 1.5 13.0 12.0 13.0 (2) -11.0 -11.5 -6.5 (2) 0.8 0.8 1.3 (2) -2.5 -2.0 6.5 (2) 3 BGU6102 SOT1209 3 3.0 18.5 16.5 14.0 (3) -5.0 -5.5 0 (3) 0.7 0.8 1.2 (3) 5.5 6.0 11.5 (3) 3 BGU6104 SOT1209 3 6.0 22.5 18.5 12.8 (4) 0.5 0.5 6.5 (4) 0.8 0.8 1.1 (4) 11.0 12.0 18.5 (4) 3 (1) AEC-Q101 qualified (2) I cc 3 mA (3) I cc 6 mA (4) I cc 12 mA Bold = highly recommended product Bold red = new, highly recommended product |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |