| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 56 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 56 Page - NXP Semiconductors |
|
56 / 130 page ![]() 57 NXP Semiconductors RF Manual 16th edition Satellite outdoor unit, twin low noise block (LNB) with integrated mixer/ oscillator/ downconverter Fully integrated mixer / oscillator / downconverter aaa-002896 LNA1 H V LNA2 3 LNA3 LNA3 LNA3 shared crystal LNA3 H/V DETECT BPF TFF1014 SWITCHED TO LOW-BAND BPF LNA1 LNA2 22 kHz TONE DETECT TFF1014 SWITCHED TO HIGH-BAND IF out 1 IF out 2 ` Single supply voltage: 3.3 or 5 V ` Reverse isolation: > 30 dB up to 2 GHz ` Best-in-class power vs current consumption ` Noise figure: 4 to 6 dB at 1 GHz ` Unconditionally stable (K > 1) ` High-compression-point models work without output inductor ` 6-pin SOT363 plastic SMD package These products – the integrated downconverters TFF101xHN, the wideband transistors BFU710F/730F for LNA and mixer functionality, and the BGA28xx series of IF MMICs – are the most recent additions to NXP’s leading portfolio for satellite LNB. They join the other discrete products, including oscillators, amplifiers, and switches, to provide complete coverage for all LNB architectures. Since the ICs, transistors, and the MMICs are manufactured in NXP’s industry-leading QUBiC4X SiGe:C and QUBiC4+ process, they offer better overall RF performance and are more robust than their GaAs equivalents and offer the added cost advantage of silicon. The process technology also enables higher integration, for added features. NXP owns the industrial base for production (wafer fab, test, assembly), so volume supplies can be assured. Note: Also see section 1.3.4 Satellite outdoor unit, twin low noise block (LNB) with integrated mixer/ oscillator/ downconverter 001aan954 BPF BIAS LB/HB/H/V detection pHemt bias LO oscillator control linear regulated 5 V Hor 10.7 ~ 12.75 GHz 1st 2nd Ver 25.000 MHz V/T LIN IF amps BFU710F TFF101xHN HB 0.95 ~ 1.9 GHz/ 1.1 ~ 2.15 GHz PLL/VCO LOOP FILTER mixer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |