| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 77 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 77 Page - NXP Semiconductors |
|
77 / 130 page ![]() 78 NXP Semiconductors RF Manual 16th edition 3.2 RF diodes 3.2.1 Varicap diodes Why choose NXP’s varicap diodes: ` Reference designs for TV and radio tuning ` Direct matching process ` Small tolerances ` Short lead time ` Complete portfolio covering broad range of frequencies and packages (including leadless) ` Reliable volume supply VCO and FM radio tuning varicap diodes Type Package Number of diodes Config- uration @ f = 1 MHz r s typ r s max @ f = C d min C d typ C d max @ V R = C d min C d typ C d max @ V R = C d1/ C d2 min C d1/ C d2 max @ V1 = @ V2 = (pF) (pF) (pF) (V) (pF) (pF) (pF) (V) (V) (V) (Ω) (Ω) (MHz) BB145B SOD523 1 SG 6.4 - 7.2 1 2.55 - 2.95 4 2.2 - 1 4 - 0.6 470 BB156 SOD323 1 SG 14.4 16 17.6 1 4.2 4.8 5.4 7.5 2.7 3.9 1 7.5 0.4 0.7 470 BB198 SOD523 1 SG 25 - 28.5 1 4.8 - 6.8 4 - - - - - 0.8 100 BB199 SOD523 1 SG 36.5 - 42.5 0.5 11.8 - 13.8 2 2.8 - 0.5 2 0.25 - 100 BB201 SOT23 2 CC 89 95 102 1 25.5 27.6 29.7 7.5 3.1 3.8 1 7.5 0.25 0.5 100 BB202^^ SOD523 1 SG 28.2 - 33.5 0.2 7.2 - 11.2 2.3 2.5 - 0.2 2.3 0.35 0.6 100 BB207^ SOT23 2 CC 76 81 86 1 25.5 27.6 29.7 7.5 2.6 3.3 1 7.5 0.2 0.4 100 BB208-02^ SOD523 1 SG 19.9 - 23.2 1 4.5 - 5.4 7.5 3.7 5.2 1 7.5 0.35 0.5 100 BB208-03^ SOD323 1 SG 19.9 - 23.2 1 4.5 - 5.4 7.5 3.7 5.2 1 7.5 0.35 0.5 100 ^ Includes special design for FM car radio (CREST-IC:TEF6860) Type of connection: CC: common cathode ^^ Includes special design for mobile phone tuner ICs SG: single TV / VCR / DVD / HDD varicap diodes - UHF tuning Type Package @ f = 1 MHz r s typ r s max @ f = @ C d = ∆C d/ C d @ V 1 = @ V 2 = @ N s = C d min C d typ C d max @ V R = C d1/Cd2 min C d1/Cd2 typ C d1/Cd2 max @ V 1 = @ V 2 = (pF) (pF) (pF) (V) (V) (V) (Ω) (Ω) (MHz) (pF) (V) (V) Matched BB149 SOD323 1.9 2.1 2.25 28 8.2 9 10 1 28 - 0.75 470 9 2 0.5 28 10 BB149A SOD323 1.951 2.1 2.225 28 8.45 9 10.9 1 28 0.6 0.75 470 9 2 1 28 10 BB179 SOD523 1.951 2.1 2.225 28 8.45 9 10.9 1 28 0.6 0.75 470 9 2 1 28 10 BB179B SOD523 1.9 2.1 2.25 28 8.45 9 10 1 28 0.6 0.75 470 9 2 1 28 10 BB179BLX SOD882D 1.9 - 2.25 28 - 9 - 1 28 0.65 - 470 9 2 1 28 10 BB179LX SOD882D 1.95 2.1 2.22 28 8.45 9 10.9 1 28 0.65 - 470 30 2 1 28 5 BB184 SOD523 1.87 2 2.13 10 6 7 - 1 10 0.65 - 470 9 2 1 10 5 BB189 SOD523 1.89 2.04 2.18 25 6.3 7.3 - 2 25 0.65 0.7 470 9 1.8 2 25 10 Unmatched BB135 SOD323 1.7 - 2.1 28 8.9 - 12 0.5 28 - 0.75 470 9 - - - - Bold = highly recommended product Varicap selection guide on www.nxp.com/varicaps Easy-to-use parametric filters help you choose the right varicap for your design. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |