| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 14 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 14 Page - NXP Semiconductors |
|
14 / 130 page ![]() 15 NXP Semiconductors RF Manual 16th edition 1.2.1 CATV optical (optical node with multiple out-ports) Application diagram bra852 coax out port 1 RF pre- amplifier splitter duplex filter RF power amplifier RF forward receiver fiber in coax out port 2 coax out port 3 coax out port 4 Recommended products Function Product Frequency Package Type RF forward receiver Forward path receiver 870 MHz SOT115 BGO807C SOT115 BGO807CE Function Product Frequency Gain (dB) Type RF pre-amplifier Power doubler 870 MHz 18.2 - 18.8 BGD812 Push-pulls 870 MHz 18 - 19 BGY885A 21 - 22 BGY887 1 GHz 23 - 24.5 CGY1043 27 - 28.5 CGY1047 Function Product Frequency Gain (dB) Type RF power amplifier Power doublers 870 MHz 22 - 24 CGD942C 24 - 26 CGD944C 1 GHz 22 - 23.5 CGD1042Hi 26.5 - 28 CGD1046Hi Product highlight: BGO807CE optical receiver The BGO807CE is an integrated optical receiver module that provides high output levels and includes an integrated temperature- compensated circuitry. In your optical node design, BGO807CE enables a high performance/ price ratio and ruggedness. When upgrading an HFC network from analog to digital, our BGO807CE is the perfect fit. Features ` Excellent linearity ` Low noise ` Excellent flatness ` Standard CATV outline ` Rugged construction ` Gold metallization ensures excellent reliability ` High optical input power range 1.2 Broadband communication infrastructure |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |