| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 34 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 34 Page - NXP Semiconductors |
|
34 / 130 page ![]() 35 NXP Semiconductors RF Manual 16th edition * Check status in section 3.1, as this type is not yet released for mass production 1.6 Industrial, scientific & medical (ISM) 1.6.1 Broadcast / ISM Application diagram Recommended ISM products typ. 0.5 kW DVB-T typ. 5 kW DVB-T output power TV exciter DVB-T Driver stages amplifiers harmonic filter power monitor 8×final Product highlight: BLF578XR Power LDMOS transistor Designed for broadband operation, this 1400 W extremely rugged LDMOS power transistor supports broadcast and industrial applications in the HF to 500 MHz band. This product is an enhanced version of the BLF578. It uses NXP's XR process to provide maximum ruggedness capability in the most severe applications without compromising RF performance. Features ` Output power = 1400 W ` Power gain = 23 dB ` High Efficiency = 69 % ` Integrated ESD protection ` Excellent ruggedness ` Excellent thermal stability Function Product f min (MHz) f max (MHz) P1dB (W) Matching VDS (V) η D (%) G p (dB) Test signal Package Type HPA Driver 1 2500 12 I 28 60 19 CW SOT975 BLF25M612(G)* Final 10 128 600 - 50 75 28 pulsed SOT539 BLF174XR(S)* 10 128 1400 - 50 72 29 pulsed SOT539 BLF178XR(S) 10 500 200 - 50 70 24 pulsed SOT1121 BLF572XR(S)* 10 500 600 - 50 70 26 pulsed SOT539 BLF574XR(S)* 10 500 1400 - 50 69 23 pulsed SOT539 BLF578XR(S) 1300 1300 250 I 50 56 17 CW SOT1121 BLF6G13L(S)-250P 2400 2500 180 I/O 28 55 12 CW SOT539 BLF2425M6L(S)180P* 2400 2500 140 I/O 28 52 17.5 CW SOT502 BLF2425M7L(S)140* 2400 2500 200 I/O 28 52 15 CW SOT502 BLF2425M7L(S)200* 2400 2500 250 I/O 28 55 15 CW SOT539 BLF2425M7L(S)250P* Recommended broadcast products Function Product f min (MHz) f max (MHz) P1dB (W) VDS (V) η D (%) G p (dB) Test signal Package Type HPA Driver 10 500 20 50 70 27.5 CW SOT467C BLF571 1 1400 35 32 63 19 CW SOT467C BLF642 Final 1 1000 100 40 60 21 CW SOT467 BLF871(S) 1 1000 140 50 49 21 CW SOT467 BLF881(S) 10 1400 200 32 70 18 pulsed SOT1121 BLF647P(S)* 10 128 1200 50 75 28.5 pulsed SOT539A BLF178P 470 860 500 42 47 21 CW SOT539A BLF879P 470 860 300 50 46 21 CW SOT1121 BLF884P(S) 470 860 600 50 46 21 CW SOT539 BLF888A(S) 470 860 600 50 46 21 CW SOT539 BLF888B(S) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |