| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 28 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 28 Page - NXP Semiconductors |
|
28 / 130 page ![]() 29 NXP Semiconductors RF Manual 16th edition 1.4.5 802.11n DBDC and 802.11ac WLAN Application diagram bra502 antenna low pass lter bandpass lter medium power amplier Tx Rx APPLICATION CHIPSET PActrl SPDT SPDT switch LNA Recommended products Function Product Package Type Medium power amplifier MMIC Medium power amplifier SOT89 BGA7024 BGA7027 SOT908 BGA7124 BGA7127 Function Product Package Type LNA RF transistor SiGe:C transistor SOT343F BFU730F BFU760F MMIC SiGe:C MMIC SOT883C BFU730LX Product highlight: BFU760F NPN silicon germanium microwave transistor The BGU760F is part of the family of 6th (Si) and 7th (SiGe:C) generation RF transistors and can be used to perform nearly any RF function. These next-generation wideband transistors offer the best RF noise figure versus gain performance, drawing the lowest current. This performance allows for better signal reception at low power and enables RF receivers to operate more robustly in noisy environments. Features ` System optimized gain of 12.5 dB @ 2.4 GHz and 11 dB @ 5.5 GHz ` Low noise figure (NF) of 1.1 dB @ 2.4 GHz and 5.5 GHz ` High input 1 dB gain compression (P i(1dB) ) of -8 dBm @ 2.4 GHz and -5 dBm @ 5.5 GHz ` High input third order intercept point IP3 I of +3 dBm @ 2.4 GHz and +8 dBm @ 5.5 GHz ` Only 8 external components required |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |