| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 25 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 25 Page - NXP Semiconductors |
|
25 / 130 page ![]() 26 NXP Semiconductors RF Manual 16th edition 1.4.2 FM radio Application diagram Recommended products Function Product Package Type SPDT switch RF diode PIN diode Various BAP64^ BAP 65^ BAP1321^ BAP51^ Function Product Package Type LNA RF transistor SiGe:C transistor SOT343F BFU725F /N1 MMIC SiGe:C MMIC SOT1209 BGU6101 BGU6102 BGU6104 SOT891 BGU7003 SOT886 BGU7003W ^ Also available in ultra-small leadless package SOD882D Product highlight: BGU6102 MMIC wideband amplifier The BGU6102 is an unmatched MMIC featuring an integrated bias- enable function and a wide supply voltage. It is part of a family of three products (BGU6101, BGU6102, BGU6104), and is optimized for 2 mA operation. Features ` Applicable between 40 MHz and 4 GHz ` High ohmic FM LNA: 13 dB gain and 1.0 dB NF at 100 MHz ` 50 Ω FM LNA: 15 dB gain and 1.3 dB NF at 100 MHz ` Integrated temperature-stabilized bias for easy design ` Bias current configurable with external resistor ` Power-down mode current consumption < 6 μA ` ESD protection > 1 kV Human Body Model (HBM) on all pins ` Supply voltage from 1.5 to 5 V 001aan956 headset antenna LNA SPDT embedded antenna LNA FM RECEIVER IC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |