| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 52 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 52 Page - NXP Semiconductors |
|
52 / 130 page ![]() 53 NXP Semiconductors RF Manual 16th edition bra822 (N + 1) RF switch CGD104xHi H L OUT port 1 CGD104xHi H L OUT port 2 CGD104xHi H L OUT port 3 CGD104xHi H L OUT port 4 EQ PAD PAD PAD PAD PAD CATV1GHzpowerdoublers Parameters CGD1040Hi CGD1042H CGD1042Hi CGD1044H CGD1044Hi CGD1046Hi Power gain (dB) Typ 21 23 23 25 25 27 Slope cable equivalent (dB) Typ 1.5 1.5 1.5 1 1.5 0.5 - 2.0 Composite triple beat (dB) Typ -69 -69 -69 -69 -69 -73 Composite 2nd order distortion (dB) Typ -68 -68 -68 -68 -68 -68 Noise (@ f max) (dB) Max 6 6 6 6 6 5 Total current consumption (mA) Typ 440 450 440 450 440 460 Frequency range (MHz) Range 40 - 1003 40 - 1003 40 - 1003 40 - 1003 40 - 1003 40 - 1003 CATV1GHzpush-pulls Parameters CGY1041 CGY1043 CGY1047 CGY1049 CGY1032 Power gain (dB) Typ 22 24 28 30 33 Slope cable equivalent (dB) Typ 2 2 2 1.6 1.8 Composite triple beat (dB) Typ -62 -62 -64 -62 -62 Composite 2nd order distortion (dB) Typ -64 -64 -66 -64 -64 Noise (@ f max) (dB) Max 5 5 4.5 5 5 Total current consumption (mA) Typ 250 250 250 250 265 Frequency range (MHz) Range 40 - 1003 40 - 1003 40 - 1003 40 - 1003 40 - 1003 CATV 1 GHz power doublers CATV 1 GHz push-pulls An optical node with multiple out-ports using the CGD1040Hi / CGD1042Hi / CGD1044Hi / CGD1046Hi Upcoming products Additional push-pulls, currently under development, will extend the capabilities of the power doublers even further, supporting almost all modern HFC applications. The push-pull CGY1041 will deliver a gain of 21 dB, the CGY1043 a gain of 23 dB, the CGY1049 a gain of 29 dB and the CGY1032 a gain of 32 dB. NXP is also developing a new, highly integrated power doubler. The CGD1046Hi will deliver, in one IC, a 26 dB power gain with 60 dBmV output power and excellent ESD protection, for the ultimate in high-quality, distortionless devices. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |