| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 15 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 15 Page - NXP Semiconductors |
|
15 / 130 page ![]() 16 NXP Semiconductors RF Manual 16th edition 1.2.2 CATV electrical (line extenders) Application diagram duplex filter duplex filter RF pre- amplifier RF power amplifier RF reverse amplifier coax in coax out bra505 Recommended products Function Product Frequency Gain (dB) Type RF pre-amplifier Push-pulls 550 MHz 33.5 - 35.5 BGY588C 750 MHz 33.2 - 35.2 BGE788C 18 - 19 BGY785A 21 - 22 BGY787 870 MHz 18 - 19 BGY885A 21 - 22 BGY887 33.5 - 34.5 BGY888 34.5 - 36.5 CGY888C 1003 MHz 18 - 19 BGY1085A 21 - 22.5 CGY1041 23 - 24.5 CGY1043 27 - 28.5 CGY1047 29 - 31 CGY1049 32 - 34 CGY1032 Function Product Frequency Gain (dB) Type RF reverse amplifier Reverse hybrids 5-75 MHz 29.2 - 30.8 BGY68 5-120 MHz 24.5 - 25.5 BGY66B 5-200 MHz 23.5 - 24.5 BGY67A All available in SOT115 package Function Product Frequency Gain (dB) Type RF power amplifier Power doublers 750 MHz 18.2 - 18.8 BGD712 18.2 - 18.8 BGD712C 20 - 20.6 BGD714 870 MHz 18.2 - 18.8 BGD812 19.7 - 20.3 BGD814 22 - 23 CGD942C 24 - 26 CGD944C 1003 MHz 22 - 24 CGD1042H 24 - 26 CGD1044H 19.5 - 22 CGD1040Hi 22 - 23.5 CGD1042Hi 23.5 - 25.5 CGD1044Hi 26 - 28 CGD1046Hi 22 - 24 CGD982HCi 23.5 - 25.5 CGD985HCi 26 - 28 CGD987HCi Product highlight: CGD1046Hi Capable of supporting high output power, the CGD1046Hi is primarily designed for use in fiber deep-optical-node applications (N+1/2/3). This 1 GHz hybrid amplifier solution offers an extended temperature range, high-power overstress capabilities in case of surges, and high ESD levels. The result is a low cost of ownership, with durability and superior ruggedness. Features ` High output power ` High power gain for power doublers ` Extremely low noise ` Dark Green products ` GaAs HFET dies for high-end applications ` Rugged construction ` Superior levels of ESD protection ` Integrated ringwave protection ` Design optimized for digital channel loading ` Temperature-compensated gain response ` Optimized heat management ` Excellent temperature resistance |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |