| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 36 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 36 Page - NXP Semiconductors |
|
36 / 130 page ![]() 37 NXP Semiconductors RF Manual 16th edition 1.6.3 RF microwave furnace application Application diagram brb418 antenna MPA oscillator HPA isolator CONTROLLER Recommended products Function Product Package Type Oscillator RF transistor SOT343R BFG410W BFG424W BFG425W SOT343F BFG424F BFU610F BFU630F BFU660F BFU690F BFU710F BFU725F/N1 BFU730F BFU760F BFU790F Product highlight: New family for ISM 2.45 GHz NXP's 6th and 7th generation LDMOS technology, along with advanced packaging concepts, enables power amplifiers that deliver best-in-class performance at 2.45 GHz. The unsurpassed ruggedness and low thermal resistance, along with the intrinsic efficiency of the LDMOS process, make these transistors ideally suited for furnace applications. Features ` Excellent ruggedness ` Consistent device performance ` Low thermal resistance for unrivalled reliability ` Ease of design Function Product Package Type MPA (medium power amplifier) MMIC SOT89 BGA6289 BGA6489 BGA6589 SOT908 BGA7124 SOT89 BGA7024 SOT908 BGA7127 SOT89 BGA7027 SOT908 BGA7130 * Check status in section 3.1, as this type is not yet released for mass production Function Product f min (MHz) f max (MHz) P1dB (W) η η D (%) G p (dB) test signal Package Type HPA Driver 1 2500 12 60 19 CW SOT975 BLF25M612(G) Final 2400 2500 180 55 12 CW SOT539 BLF2425M6L(S)180P 2400 2500 140 52 17.5 CW SOT502 BLF2425M7L(S)140* 2400 2500 200 52 15 CW SOT502 BLF2425M7L(S)200 2400 2500 250 55 15 CW SOT539 BLF2425M7L(S)250P* |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |