| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 16 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 16 Page - NXP Semiconductors |
|
16 / 130 page ![]() 17 NXP Semiconductors RF Manual 16th edition 1.3.1 Network interface module (NIM) for TV reception Application diagram brb403 RF input RF SW VGA WB LNA surge RF output CONVENTIONAL TUNER OR SILICON TUNER 1.3 TV and satellite Looking for more information on our wideband LNAs supporting multi-tuner applications in TVs, DVR/PVRs, and STBs? See section 2.3.1 LNAs with programmable gain & bypass option for improved tuner performance. Recommended products Function Product V cc (V) Gain (db) Package Type LNA MMIC 5 10 SOT363 BGU7031 5 10 SOT363 BGU7032 -2 5 10 SOT363 BGU7033 5 -2 3.3 10 SOT363 BGU7041 3.3 10 SOT363 BGU7042 -2 3.3 14 SOT363 BGU7044 3.3 14 SOT363 BGU7045 -2 Product highlight: Make a high-performance active splitter in a NIM tuner with the BGU703x/ BGU704x Today's TV tuners require complicated signal handling and benefit from flexibility in design. The front-end of a TV signal receiver is no longer just a tuned receiver, but has evolved into an RF network interface module (NIM) with tuned demodulators, active splitters, and remodulators. The active splitter requires an LNA with excellent linearity. NXP has developed two new series of LNA/VGA MMICs (BGU703x/BGU704x), designed especially for high linearity (P3O of 29 dBm) in low-noise applications such as an active splitter in a NIM tuner. The BGU703x family operates at a supply voltage of 5 V and is intended for use with normal can tuners. The BGU704x family operates at 3.3 V and works seamlessly with our Si tuner ICs, which also operate at 3.3 V. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |