| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 32 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 32 Page - NXP Semiconductors |
|
32 / 130 page ![]() 33 NXP Semiconductors RF Manual 16th edition 1.5.3 Tire pressure monitoring system Application diagram Recommended products Function Product Package Type PA RF bipolar transistor Wideband transistor SOT23 BFR92A SOT323 BFR92AW SOT23 BFR94A^ SOT323 BFR93AW SOT323 BFR94AW^ Function Product Package Type Driver RF bipolar transistor Wideband transistor SOT323 PRF957 SOT23 PBR951 MMIC Amplifier SOT363 BGA2031/1 Gen-purp wideband amp SOT363 BGA2771 SOT363 BGA2866 Function Product Package Type VCO Varicap diodes VCO varicap diodes SOD523 BB198 SOD323 BB156 ^ AEC-Q101 qualified (some limitations apply) Product highlight: BGU6101 MMIC wideband amplifier The BGU6101 is an unmatched MMIC featuring an integrated bias- enable function and a wide supply voltage. It is part of a family of three products (BGU6101, BGU6102, BGU6104), and is optimized for 2 mA operation. Features ` Applicable between 40 MHz and 6 GHz ` 13 dB gain and 0.8 dB NF at 450 MHz ` 50 Ω FM LNA: 15 dB gain and 1.4 dB NF at 100 MHz ` Integrated temperature-stabilized bias for easy design ` Bias current configurable with external resistor ` Power-down mode current consumption < 1 μA ` ESD protection > 1 kV Human Body Model (HBM) on all pins driver VCO PA filter antenna SENSOR brb216 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |