| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 27 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 27 Page - NXP Semiconductors |
|
27 / 130 page ![]() 28 NXP Semiconductors RF Manual 16th edition 1.4.4 Cellular receiver Application diagram Recommended products Function Product Package Type LNA MMIC SiGe:C MMIC SOT891 BGU7003 SOT886 BGU7003W Product highlight: BGU7003 MMIC wideband amplifier The BGU7003 MMIC is a wideband amplifier in SiGe:C technology for high-speed, low-noise applications. It is housed in a plastic leadless 6-pin extremely thin small outline SOT886 package. Features ` Applicable between 40 MHz and 6 GHz ` LTE LNA: 1 dB NF, 18.5 dB gain and -5 dBm IIP3 at 750 MHz ` Integrated temperature-stabilized bias for easy design ` Bias current configurable with external resistor ` Power-down mode current consumption < 1 μA ` ESD protection > 1 kV Human Body Model (HBM) on all pins 001aan957 BPF PA UMTS LTE GSM/ EDGE TRANSCEIVER GSM/EDGE FE SWITCH duplexer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |