| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 43 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 43 Page - NXP Semiconductors |
|
43 / 130 page ![]() 44 NXP Semiconductors RF Manual 16th edition These 6-bit digital VGAs offer high linearity (35 dBm @ 2.2-2.8 GHz) and high output power (23 dBm @ 2.2-2.8 GHz) across a large bandwidth without external matching. Smart routing with no connection crosses simplifies design and decreases footprint by 25%. The unique power-save mode can effectively reduce the current consumption in TDD systems up to 45%. The BGA7210 adds flexible current distribution across its two amplifiers, depending on the attenuation state, to save current. Key features ` Internally matched for 50 Ω - BGA7204 = 0.4 to 2.75 GHz - BGA7210 = 0.7 to 3.8 GHz ` High maximum power gain - BGA7204 = 18.5 dB - BGA7210 = 30 dB ` High output third-order intercept, IP3 O - BGA7204 = 38 dBm - BGA7210 = 39 dBm ` Attenuation range of 31.5 dB, 0.5 dB step size (6 bit) ` High output power, P L(1dB) - BGA7204 = 21 dBm - BGA7210 = 23 dBm ` Fast switching power-save mode (power down pin) ` Digitally controlled current setting from 120 to 195 mA with an optimum at 185mA (BGA7210 only) ` Simple control interfaces - BGA7204 SPI and parallel - BGA7210 SPI ` ESD protection on all pins (HBM 4 kV; CDM 2 kV) ` HVQFN32 (5 x 5 x 0.85 mm) Key benefits ` Wideband operation supports platforms with multiple frequency ranges ` Smart lead routing produces simpler design, decreases footprint by 25% ` Power-save mode can reduce current consumption in TDD systems up to 45% ` Flexible current setting (BGA7210) saves power ` Monolithic design enables high quality Applications ` GSM, W-CDMA, WiMAX, LTE base stations ` Wireless point-to-point and repeaters ` Cable modem termination systems ` Temperature-compensation circuits OM7921 – BGA7210 customer evaluation kit (also available OM7922 – BGA7204 CEK) 2.1.2 DigitalwidebandVGAswithhighlinearity&flexiblecurrentsettings NXP digital VGAs BGA7204 & BGA7210 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |