| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 102 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 102 Page - NXP Semiconductors |
|
102 / 130 page ![]() 103 NXP Semiconductors RF Manual 16th edition Customer evaluation kits and samples Several kits are available for evaluation of our products. Boards are provided with industry-standard RF connectors to facilitate measurements and integration in your application. The features and content of each kit are described on the NXP website and are listed on the corresponding product page. On the Customer Evaluation Kits page you can also find support materials, such as the latest user manuals and software updates. You can order small quantities of all products to build and evaluate prototypes. To obtain a kit or order samples, please contact your local NXP representative or authorized distributor. 4.4 Additionaldesign-insupport If you need additional design-in support, please contact your local NXP sales representative or authorized distributor. You can also submit a question using the web form on the NXP website. 4.5 Applicationnotes Product category Filename Description Amplifiers AN11152 Reducing the Spurs at RF_out caused by the biasing choke during fast switching on and off in TDD system Amplifiers AN11148 BGU7003 1900MHz to 2100MHz LNA Application PLL’s and Oscillators AN11144 Universal Single LNB with TFF101x FIMOD IC Amplifiers AN11135 Replacing HMC625 by NXP BGA7204 Amplifiers AN11130 Bias module for 50 V GaN demonstration boards Transistors AN11118 BFU725F/N1 1.5 GHz LNA evaluation board Amplifiers AN11103 Externally-matched 900 MHz LNA using BGU7005 Transistors AN11102 BFU725F/N1 2.4 GHz LNA evaluation board Amplifiers AN11101 BGU7007 GPS front end evaluation board Amplifiers AN11091 Ohmic FM LNA for embedded Antenna in Portable applications with BGU6102 Amplifiers AN11090 50 Ohm FM LNA for embedded Antenna in Portable applications with BGU6102 Amplifiers AN11086 BGU7003 LNA application for GPS L2 band Amplifiers AN11072 BGU7003 400MHz and 900 MHz applicaiton Amplifiers AN11068 BGU7005 matching options for improved LTE jammer immunity Transistors AN11066 SDARS active antenna 1st stage LNA with BFU730F, 2.33 GHz Amplifiers AN11062 Broadband DVB-T UHF power amplifier with the BLF888A Amplifiers AN11035 50 Ohm FM LNA for embedded Antenna in Portable applications with BGU7003W Amplifiers AN11034 High Ohmic FM LNA for embedded Antenna in Portable applications with BGU7003W Transistors AN11024 SDARS active antenna 2nd stage LNA with BFU690, 2.33 GHz Transistors AN11010 Single stage Ku band LNA using BFU730F Transistors AN11007 Single stage 5-6 GHz WLAN LNA with BFU730F Transistors AN11006 Single stage 2.3_2.7GHz LNA with BFU730F Amplifiers AN10967 BLF578 demo for 352 MHz 1kW CW power Amplifiers AN10953 BLF645 10 MHz to 600 MHz 120 W amplifier Amplifiers AN10951 1805 MHz to 1880 MHz asymmetrical Doherty amplifier with the BLF7G20LS-90P and BLF7G21LS-160P Amplifiers AN10945 174 MHz to 230 MHz DVB-T power amplifier with the BLF881 Amplifiers AN10944 1930 MHz to 1990 MHz Doherty amplifier using the BLF7G20LS-200 Amplifiers AN10933 2.5 GHz to 2.7 GHz Doherty power amplifier using the BLF7G27LS-150P Amplifiers AN10923 1.5GHz Doherty power amplifier for base station applications using the BLF6G15L-250PBRN Amplifiers AN10921 BLF7G20LS-200 Doherty 1.805-1.88 GHz RF power amplifier Amplifiers AN10896 Mounting and Soldering of RF transistors Amplifiers AN10885 Doherty RF performance analysis using the BLF7G22LS-130 Amplifiers AN10882 Dependency of BLF578 gate bias voltage on temperature Amplifiers AN10869 Broadband DVB-T UHF power amplifier with the BLF888 Amplifiers AN10858 174 MHz to 230 MHz DVB-T power amplifier with the BLF578 Amplifiers AN10847 Doherty RF performance using the BLF6G20-230PRN Amplifiers AN10800 Using the BLF578 in the 88 MHz to 108 MHz FM band Amplifiers AN10714 Using the BLF574 in the 88-108 MHz FM band |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |