| Electronic Components Datasheet Search |
|
A3 Marking, BGA2003 Datasheet(PDF) 121 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
BGA2003 Datasheet(HTML) 121 Page - NXP Semiconductors |
|
121 / 130 page ![]() 122 NXP Semiconductors RF Manual 16th edition Marking code Final product Package 10% BAT18 SOT23 13% BB207 SOT23 20% BF545A SOT23 21% BF545B SOT23 22% BF545C SOT23 24% BF556A SOT23 25% BF556B SOT23 26% BF556C SOT23 28% BF861A SOT23 29% BF861B SOT23 30% BF861C SOT23 31% BFR505 SOT23 32% BFR520 SOT23 33% BFR540 SOT23 34% BFT25A SOT23 35% ON4288 SOT23 36% ON4690 SOT23 38% PMBFJ108 SOT23 39% PMBFJ109 SOT23 40% PMBFJ110 SOT23 41% PMBFJ111 SOT23 42% PMBFJ112 SOT23 47% PMBFJ113 SOT23 48% PMBFJ308 SOT23 49% PMBFJ309 SOT23 50% PMBFJ310 SOT23 1 BA277 SOD523 2 BB182 SOD523 2 BB182/L SOD523 4 BB189 SOD523 4 BB189/L SOD523 7 BA891 SOD523 7 BA891/L SOD523 8 BB178 SOD523 8 BB178/L SOD523 9 BB179 SOD523 9 BB179/L SOD523 %1V BFR93AW/DG SOT323 %1W BAP51-05W SOT323 %6G PMBF4393 SOT23 %6J PMBF4391 SOT23 %6K PMBF4392 SOT23 %6N ON5088 SOT343 %6S PMBFJ176 SOT23 %6W PMBFJ175 SOT23 %6X PMBFJ174 SOT23 %6Y PMBFJ177 SOT23 %7N ON5087 SOT343 %8N ON5089 SOT343 %AB BF1210 SOT363 %BG PMBFJ177/DG SOT23 %E7 BGA2800 SOT363 %E8 BGA2801 SOT363 %E9 BGA2815 SOT363 %EA BGA2816 SOT363 %EB BGA2850 SOT363 %EC BGA2865 SOT363 %ED BGA2866 SOT363 %M1 BF908 SOT143 %M2 BF908R SOT143 %M3 BF909 SOT143 %M4 BF909R SOT143 Marking code Final product Package %M5 BF909A SOT143 %M6 BF909AR SOT143 %M7 BF904A SOT143 %M8 BF904AR SOT143 %M9 BSS83 SOT143 %M9 ON4906 SOT143 %MA BF991 SOT143 %MB BF992 SOT143 %MC BF904 SOT143 %MD BF904R SOT143 %ME BFG505 SOT143 %MF BFG520 SOT143 %MG BFG540 SOT143 %MH BFG590 SOT143 %MK BFG505/X SOT143 %ML BFG520/X SOT143 %MM BFG540/X SOT143 %MM ON4832 SOT143 %MN BFG590/X SOT143 %MP BFG520/XR SOT143 %MP ON4973 SOT143 %MR BFG540/XR SOT143 %MS BFG10 SOT143 %MT BFG10/X SOT143 %MU BFG25A/X SOT143 %MV BFG67/X SOT143 %MW BFG92A/X SOT143 %MX BFG93A/X SOT143 %MY BF1100 SOT143 %MZ BF1100R SOT143 %VA BGU7041 SOT363 %VB BGU7042 SOT363 LE BAP64LX SOD882D L4 BB179LX SOD882D LC BAP55LX SOD882D L3 BB178LX SOD882D 1A BGU6101 SOT1209 1B BGU6102 SOT1209 1B% BGA2717 SOT363 1C BGU6104 SOT1209 1C% BAP50-05 SOT23 1N% BAP70-04W SOT323 2A% BF862 SOT23 2E PRF949/DG SOT416 2L BF1208 SOT666 2N BF1206F SOT666 4A BF1208D SOT666 4K% BAP64-04 SOT23 4L% BAP50-04 SOT23 4W% BAP64-04W SOT323 5K% BAP64-05 SOT23 5W% BAP64-05W SOT323 6F% BAP1321-04 SOT23 6K% BAP64-06 SOT23 6W% BAP50-04W SOT323 7K% BAP65-05 SOT23 8K% BAP70-05 SOT23 A1 BA591 SOD323 A1 BB208-02 SOD523 A1 BGA2001 SOT343 A1 BAP64Q SOT753 A2 BB208-03 SOD323 Marking code Final product Package A2 BB184 SOD523 A2 BGA2002 SOT343 A2 BAP70Q SOT753 A2% BGA2022 SOT363 A3 BAP64-03 SOD323 A3 BB198 SOD523 A3 BGA2003 SOT343 A3% BGA2031/1 SOT363 A5 BAP51-03 SOD323 A5% BGA2011 SOT363 A6% BGA2012 SOT363 A7% BFG310W/XR SOT343 A8 BAP50-03 SOD323 A8% BFG325W/XR SOT343 A8% PMBFJ620 SOT363 A9 BAP70-03 SOD323 AC BGU7005 SOT886 B3 BGU7003 SOT891 B5% BSR12 SOT23 B6 BGU7007 SOT886 B6% BGA2715 SOT363 B7 BGU7008 SOT886 B7% BF862/B SOT23 B7% BFU725F/N1 SOT343 B7% BGA2716 SOT363 BA% BGA2714 SOT363 BCp BFQ591 SOT89 C BB179B SOD523 C1% BGM1011 SOT363 C2% BGM1012 SOT363 C4% BGM1013 SOT363 C5% BGM1014 SOT363 CL BAP70-03/DG SOD323 D1 BFU610F SOT343 D2 BAP63-03 SOD323 D2 BFU630F SOT343 D3 BAP65-03 SOD323 D3 BFU660F SOT343 D4 BFU690F SOT343 D5 BFU710F SOT343 D6 BFU730F SOT343 D7 BFU760F SOT343 D8 BFU790F SOT343 E1% BFS17 SOT23 E1% BFS17/FD SOT23 E1% ON4438 SOT23 E1% BFS17W SOT323 E2% BFS17A SOT23 E2% ON5023 SOT23 E2% BGA2712 SOT363 E3% BGA2709 SOT363 E6 BAP55L SOD882 FB BFQ19 SOT89 FF BFQ18A SOT89 FG BFQ149 SOT89 G2 BA278 SOD523 G2% BGA2711 SOT363 G3% BGA2748 SOT363 G4% BGA2771 SOT363 G5% BGA2776 SOT363 K1 BAP51-02 SOD523 K2 BAP51-05W SOD523 6.2 Markingcodes Ingeneral,devicemarkingincludesthepartnumber,somemanufacturinginformationandtheNXPlogo.Ifpackages aretoosmallforthefull-lengthpartnumberashorter,codedpartnumber–markingcode–isused(where%=placeholder formanufacturingsitecode).Thefull-lengthpartnumberisalwaysprintedonthepackinglabelontheboxorbulk-packin whichthedevicesaresupplied. p =madeinHongKong t =madeinMalaysia W =madeinChina |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |