Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATPL00B Datasheet(PDF) 63 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 59Page - ATMEL Corporation ATPL00B Datasheet HTML 60Page - ATMEL Corporation ATPL00B Datasheet HTML 61Page - ATMEL Corporation ATPL00B Datasheet HTML 62Page - ATMEL Corporation ATPL00B Datasheet HTML 63Page - ATMEL Corporation ATPL00B Datasheet HTML 64Page - ATMEL Corporation ATPL00B Datasheet HTML 65Page - ATMEL Corporation ATPL00B Datasheet HTML 66Page - ATMEL Corporation ATPL00B Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
63
Table 6-1.
Timer 1 baud rates configuration examples
Baud rate
Fosc
BAUD2
TPR(5:4)
SMOD
Timer 1
C/T
MODE
Reload
value
153600
11059200
1
00
1
0
2
FDH
76800
11059200
0
00
1
0
2
FDH
38400
11059200
0
01
1
0
2
FDH
25600
11059200
0
10
1
0
2
FDH
19200
11059200
0
11
1
0
2
FDH
12800
11059200
0
10
0
0
2
FDH
9600
11059200
0
11
0
0
2
FDH
6400
11059200
0
10
0
0
2
FAH
4800
11059200
0
11
0
0
2
FAH
2400
11059200
0
11
0
0
2
F4H
1200
11059200
0
11
0
0
2
E8H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com