Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATPL00B Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 4Page - ATMEL Corporation ATPL00B Datasheet HTML 5Page - ATMEL Corporation ATPL00B Datasheet HTML 6Page - ATMEL Corporation ATPL00B Datasheet HTML 7Page - ATMEL Corporation ATPL00B Datasheet HTML 8Page - ATMEL Corporation ATPL00B Datasheet HTML 9Page - ATMEL Corporation ATPL00B Datasheet HTML 10Page - ATMEL Corporation ATPL00B Datasheet HTML 11Page - ATMEL Corporation ATPL00B Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
8
2.2
144-Lead LQFP Pinout
Table 2-1.
ATPL00B 144-Lead LQFP pinout
PinNo
Pin Name
I/O
I(mA)
Res
HY
PinNo
Pin Name
I/O
I(mA)
Res
HY
1
P3_3/INT1
I/O
±5
PU
-
39
P5_4/RXD1/INTA0
I/O
±5
PU
-
2
VCC
P
-
-
-
40
P4_7/T2EX/INTA3
I/O
±5
PU
-
3
GND
P
-
-
-
41
P4_6/T2/INTA2
I/O
±5
PU
-
4
GND
P
-
-
-
42
P1_7/SSN
I/O
±5
PU
-
5
GND
P
-
-
-
43
VCC
P
-
-
-
6
TDI
I
±5
PU
-
44
GND
P
-
-
-
7
TDO
O
±5
-
-
45
EMIT_0
O
±X
-
-
8
TCK
I
±5
-
-
46
EMIT_1
O
±X
-
-
9
TMS
I
±5
PU
-
47
EMIT_2
O
±X
-
-
10
TRST
I
±5
PU
-
48
VCC
P
-
-
-
11
D_INIT
I
±5
PD
Y
49
GND
P
-
-
-
12
RSTA
I
±5
PD
Y
50
EMIT_3
O
±X
-
-
13
/PROG
I
±5
PU
Y
51
EMIT_4
O
±X
-
-
14
SECURED
I
±5
PD
Y
52
EMIT_5
O
±X
-
-
15
/EWDG
I
±5
PD
Y
53
EMIT_6
O
±X
-
-
16
DEBUG
I
±5
PD
Y
54
VCC
P
-
-
-
17
VCC
P
-
-
-
55
GND
P
-
-
-
18
CLKEB
I/O
-
-
-
56
EMIT_7
O
±X
-
-
19
GND
P
-
-
-
57
EMIT_8
O
±X
-
-
20
CLKEA
I
-
-
-
58
EMIT_9
O
±X
-
-
21
VCC
P
-
-
-
59
EMIT_10
O
±X
-
-
22
GND
P
-
-
-
60
VCC
P
-
-
-
23
GND
P
-
-
-
61
GND
P
-
-
-
24
VDE0
P
-
-
-
62
EMIT_11
O
±X
-
-
25
VDE0
P
-
-
-
63
EMIT_12
O
±X
-
-
26
VSS0
P
-
-
-
64
VCC
P
-
-
-
27
LDO_PD
I
65
GND
P
-
-
-
28
VDD
P
-
-
-
66
P3_1/TXD0
I/O
±5
PU
-
29
GND
P
-
-
-
67
P3_0/RXD0
I/O
±5
PU
-
30
VCC
P
-
-
-
68
P4_5/MISO1/INTB3
I/O
±5
PU
-
31
Vref1
I
-
-
-
69
P4_4/MOSI1/INTB2
I/O
±5
PU
-
32
Vref2
I
-
-
-
70
P4_3/SPICLK1/INTB1
I/O
±5
PU
-
33
VNR
I
±5
-
Y
71
P4_2/SS1/INTB0
I/O
±5
PU
-
34
TRIAC_3
O
±5
-
-
72
P4_1/TXD2
I/O
±5
PU
-
35
TRIAC_2
O
±5
-
-
73
P4_0/RXD2
I/O
±5
PU
-
36
TRIAC_1
O
±5
-
-
74
VCC
P
-
-
-
37
TRIAC_0
O
±5
-
-
75
GND
P
-
-
-
38
P5_5/TXD1/INTA1
I/O
±5
PU
-
76
INTC3
I
±5
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com