Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATPL00B Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 21Page - ATMEL Corporation ATPL00B Datasheet HTML 22Page - ATMEL Corporation ATPL00B Datasheet HTML 23Page - ATMEL Corporation ATPL00B Datasheet HTML 24Page - ATMEL Corporation ATPL00B Datasheet HTML 25Page - ATMEL Corporation ATPL00B Datasheet HTML 26Page - ATMEL Corporation ATPL00B Datasheet HTML 27Page - ATMEL Corporation ATPL00B Datasheet HTML 28Page - ATMEL Corporation ATPL00B Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
25
4.3.3
Data Memory
Figure 4-8 shows the internal and external Logical Data Memory spaces available to the microcontroller user.
Figure 4-8.
Data Memory Space
Logical addressing of the Internal Data Memory is mapped as shown in Figure 4-8
. The internal IDATA memory space
has a total size of 384 bytes and is divided into three blocks, which are generally referred to as the Lower 128 bytes, the
Upper 128 bytes and SFR space (128 bytes size).
Internal Data Memory addresses are always one byte wide, which implies an address space of only 256 bytes. A simple
trick is used to accommodate the 384 bytes of IDATA using 8 bit addresses: direct addresses higher than 7FH access
SFR memory space, whereas indirect addresses higher than 7FH access the Upper 128 bytes of IDATA. Thus, Figure
4-8 shows the Upper 128 bytes and SFR space occupying the same block of addresses, 80H through FFH, although
they are physically separate entities.
...
ACC
...
Port 3
...
Port 2
Port 1
...
Port 0
indirect
IDATA
direct
IDATA
SFRs
direct &
indirect
IDATA
0x80
0xE0
0xB0
0xA0
0x90
0xFF
0xFF
0xFF
0x80
0x80
0x7F
0x2F
0x20
0x1F
0x18
0x17
0x10
0x0F
0x08
0x07
0x00
00
01
10
11
4 Banks of 8
Registers R0
– R7
Bit
– Addressable Space
(Bit Addresses 0
– 7F)
Bank
Select
Bits in
PSW
0x7F
0x00
0xFF
0x80
Special
Function
Registers
RESET STACK POINTER
Ports
PSW
Timer
Registers
Stack Pointer
Accumulator
Control Bits
(Etc)
(Addresses that end in 0 or 8
are also bit-addressable.)
Upper
128
Lower
128
No Bit
–Addressable
Spaces
External
Program
Memory
External
Data
Memory
(XDATA)
IDATA
PROGRAM
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com