Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATPL00B Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 19Page - ATMEL Corporation ATPL00B Datasheet HTML 20Page - ATMEL Corporation ATPL00B Datasheet HTML 21Page - ATMEL Corporation ATPL00B Datasheet HTML 22Page - ATMEL Corporation ATPL00B Datasheet HTML 23Page - ATMEL Corporation ATPL00B Datasheet HTML 24Page - ATMEL Corporation ATPL00B Datasheet HTML 25Page - ATMEL Corporation ATPL00B Datasheet HTML 26Page - ATMEL Corporation ATPL00B Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
23
Example:
SX(1:0)=”00” (common memory size = 32KB)
PC=0x9F5A (PC pointing to an address in extended memory)
P0(5:0)= 0x00 (extended page 0)
LOGIC ADDRESS=0x1F5A, extended page 0
PHYSICAL ADDRESS=0x9F5A
Figure 4-6.
Extended Addressing example 2
Common
Program
PAGE 0
PAGE 1
0x000000
0x00BFFF
0x00C000
0x00FFFF
0x010000
PAGE 2
0x013FFF
0x014000
Physical Address = 0x9F5A
Common
Program
PAGE 0
0x000000
0x00BFFF
0x00C000
0x00FFFF
PC=0x9F5A
Logical Address = 0x1F5A,
(extended page 0)
Physical Address = PC+(EPN*SEP)=
PC+(0*0x8000) = 0x9F5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com