Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATPL00B Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 12Page - ATMEL Corporation ATPL00B Datasheet HTML 13Page - ATMEL Corporation ATPL00B Datasheet HTML 14Page - ATMEL Corporation ATPL00B Datasheet HTML 15Page - ATMEL Corporation ATPL00B Datasheet HTML 16Page - ATMEL Corporation ATPL00B Datasheet HTML 17Page - ATMEL Corporation ATPL00B Datasheet HTML 18Page - ATMEL Corporation ATPL00B Datasheet HTML 19Page - ATMEL Corporation ATPL00B Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
16
Notes:
1. This pin is part of the JTAG Boundary Scan interface and is only used for boundary scan purposes
2.
The crystal should be located as close as possible to CLKEA and CLKEB pins. Recommended value for Cx is 18pF.
This value may depend on the specific crystal characteristics
Different configurations allowed depending on external topology and net behavior
CLKEB
CLKEA
Xtal
Cx
Cx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com