Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATPL00B Datasheet(PDF) 69 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 65Page - ATMEL Corporation ATPL00B Datasheet HTML 66Page - ATMEL Corporation ATPL00B Datasheet HTML 67Page - ATMEL Corporation ATPL00B Datasheet HTML 68Page - ATMEL Corporation ATPL00B Datasheet HTML 69Page - ATMEL Corporation ATPL00B Datasheet HTML 70Page - ATMEL Corporation ATPL00B Datasheet HTML 71Page - ATMEL Corporation ATPL00B Datasheet HTML 72Page - ATMEL Corporation ATPL00B Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
69
Figure 7-5.
SPI single master with multiple independent slaves configuration
In Figure 7-5
, slave‟s SSIG = 0, and SS is used to select the slave. The SPI0 master can use any port pin (including
P5.0/SS with SSIG = 1) to drive the SS pin.
Multimaster configuration is the case where two devices are connected to each other and either device can be a master
or a slave. When no SPI0 operation is occurring, both can be configured as masters (MSTR = 1) with SSIG = 0 and
P5.0 (SS) being in quasi-bidirectional mode. Before device initiates a transfer, it must set SSIG = 1 in order to avoid its
own mode change since it will drive P5.0 low, forcing a mode change in the other device to slave.
Table 7-2 shows configuration for the master/slave modes in various cases.
Table 7-2.
SPI modes
SPEN
SSIG
SS
pin
MSTR
operation
MISO
MOSI
SPICLK
comment
0
X
P5.0
(1)
X
disabled
P5.3
(1)
P5.2
(1)
P5.1
(1)
SPI0 disabled, P5(3:0)
are used as port pins
1
0
0
0
slave
out
in
in
selected as slave
1
0
1
0
slave
H
in
in
not selected, MISO is H
to avoid bus contention
1
0
0
1(=>0)
(2)
slave
out
in
in
the uC is configured as
a master, then it is
selected by SS to be a
slave, MSTR bit is
cleared and the uC
becomes a slave
1
0
1
1
master
in
out
out
1
1
P5.0
(1)
0
slave
out
in
in
slave not needing SS
1
1
P5.0
(1)
1
master
in
H
H
master not needing SS
Notes:
1
.
function as port or as alternate output function
2.
the MSTR bit changes to „0‟ automatically when SS becomes low in input mode and SSIG is 0
SPI Clock
Generator
SPI MASTER
SPI SLAVE A
SPI SLAVE B
8bit Shift Register
MISO
MOSI
SPICLK
PORT A
PORT A
/SS
MISO
MOSI
SPICLK
/SS
8bit Shift Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com