Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATPL00B Datasheet(PDF) 71 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 67Page - ATMEL Corporation ATPL00B Datasheet HTML 68Page - ATMEL Corporation ATPL00B Datasheet HTML 69Page - ATMEL Corporation ATPL00B Datasheet HTML 70Page - ATMEL Corporation ATPL00B Datasheet HTML 71Page - ATMEL Corporation ATPL00B Datasheet HTML 72Page - ATMEL Corporation ATPL00B Datasheet HTML 73Page - ATMEL Corporation ATPL00B Datasheet HTML 74Page - ATMEL Corporation ATPL00B Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
71
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
B it 0
SPSTAT1
SPIF
WCOL
PSC2
--
--
N2
N1
N0
--: Reserved bit
SPIF: SPI1 transfer completion flag. When ESPI1 (IE2.3) bit and EA (IE.7) bit are '1' and
a SPI1 transfer finishes then the SPIF bit is set by hardware and an interrupt is
generated. SPIF will also be set when SPI1 is in master mode with SSIG(SPCTL1.7)='0'
and /SS(slave select) pin is driven low
WCOL: SPI1 write collision flag. The WCOL bit is set by hardware when SPDAT is written
during a data transfer. WCOL flag is cleared in software by writing '0' to this bit.
PSC2: SPI1 master clock rate select msb
N(2:0): Number of additional bytes to transfer in SPI1
The data bytes to be transferred must be written in order. Transfer will start when SPDAT1N is written if
N=SPSTAT(2:0).
A write collision will occur if any SPDAT1N (with N<=SPSTAT(2:0)) is written before the 1+N bytes transfer is finished.
Table 7-3.
SPI1 port map
ADD8051C3A Port
Alternate Function
P4.2
/SS1
P4.3
SPICLK1
P4.4
MOSI1
P4.5
MISO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com