Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATPL00B Datasheet(PDF) 45 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 41Page - ATMEL Corporation ATPL00B Datasheet HTML 42Page - ATMEL Corporation ATPL00B Datasheet HTML 43Page - ATMEL Corporation ATPL00B Datasheet HTML 44Page - ATMEL Corporation ATPL00B Datasheet HTML 45Page - ATMEL Corporation ATPL00B Datasheet HTML 46Page - ATMEL Corporation ATPL00B Datasheet HTML 47Page - ATMEL Corporation ATPL00B Datasheet HTML 48Page - ATMEL Corporation ATPL00B Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
45
Any of these three conditions will block the generation of the LCALL to the interrupt service routine. Condition 2 ensures
that the instruction in progress will be completed before vectoring to any service routine. Condition 3 ensures that if the
instruction in progress is RETI or any access to IE or IP, then at least one more instruction will be executed before any
interrupt is vectored to.
The polling cycle is repeated with each machine cycle, and the values polled are the values that were present at the
previous machine cycle. The polling cycle/LCALL sequence is illustrated in Figure 4-12.
The hardware-generated LCALL executes a program jump to fixed program entries as shown below:
Table 4-12. Fixed Program entries
Source
Vector
Address
IE0
0003H
TF0
000BH
IE1
0013H
TF1
001BH
RI0+TI0
0023H
SPI0
002BH
TF2+EXF2
0033H
RI1+TI1
003BH
RI2+TI2
004BH
SPI1
0053H
Execution proceeds from that location until the RETI instruction is encountered then the interrupted program continues
from where it left off.
4.7
I/O Ports
The ports P1, P3, P4 and P5 in the ADD8051C3A are bidirectional. Each port consists of a register (Special Function
Registers P1, P3, P4, P5), an output driver, and an input buffer.
Pins in ports 3, 4 and 5 are multifunctional. They are port pins and also serve as input or output for the microcontroller
peripherals:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com