Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATPL00B Datasheet(PDF) 41 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 37Page - ATMEL Corporation ATPL00B Datasheet HTML 38Page - ATMEL Corporation ATPL00B Datasheet HTML 39Page - ATMEL Corporation ATPL00B Datasheet HTML 40Page - ATMEL Corporation ATPL00B Datasheet HTML 41Page - ATMEL Corporation ATPL00B Datasheet HTML 42Page - ATMEL Corporation ATPL00B Datasheet HTML 43Page - ATMEL Corporation ATPL00B Datasheet HTML 44Page - ATMEL Corporation ATPL00B Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
41
4.6
Interrupts
The microcontroller has 10 user interrupt sources:
2 external interrupts.
3 timer interrupts.
3 serial port interrupts.
2 standard serial peripheral interrupts.
Interrupt priorities are user selectable to a priority level ranging from “000” to “011” (higher value correspond to higher
priority level).
4.6.1
Interrupt Enabling
Each interrupt source can be individually enabled or disabled by setting or clearing a bit in the SFRs named IE and IE2
(Interrupt Enable). The IE register also contains a global disable bit, which can be cleared to disable all interrupts at
once.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
B it 0
IE
EA
ET2
ESPI
ES
ET1
EX1
ET0
EX0
EA: „1‟ enables all interrupts; „0‟ disables all interrupts
ET2: „1‟ enables timer 2 interrupt; „0‟ disables timer 2 interrupt
ESPI: „1‟ enables serial peripheral interface0 interrupt; „0‟ disables serial peripheral
interface0 interrupt
ES: „1‟ enables serial port 0 interrupt; „0‟ disables serial port0 interrupt
ET1: „1‟ enables timer 1 interrupt; „0‟ disables timer 1 interrupt
EX1: „1‟ enables external interrupt 1; „0‟ disables external interrupt 1
ET0: „1‟ enables timer 0 interrupt; „0‟ disables timer 0 interrupt
EX0: „1‟ enables external interrupt 0; „0‟ disables external interrupt 0
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
B it 0
IE2
--
--
--
--
ESPI1
ES2
--
ES1
--: Reserved bit
ESPI1: „1‟ enables serial peripheral interface1 interrupt; „0‟ disables serial peripheral
interface1 interrupt.
ES2: „1‟ enables serial port 2 interrupt; „0‟ disables serial port2 interrupt
ES1: „1‟ enables serial port 1 interrupt; „0‟ disables serial port1 interrupt
4.6.2
Interrupt Priorities
Each interrupt source can also be individually programmed to four priority levels by setting or clearing two bits in the
SFRs named IP, IPH and IP2HL (Interrupt Priority). Figure 4-11 shows how the IE, IE2, IP, IPH and IP2HL registers and
the polling sequence work to determine the interrupt to be served. The IP, IPH, IP2HL and IE2 registers contain a
number of unimplemented bits, these bits are reserved and user software should not write to these positions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com