Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATPL00B Datasheet(PDF) 31 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 27Page - ATMEL Corporation ATPL00B Datasheet HTML 28Page - ATMEL Corporation ATPL00B Datasheet HTML 29Page - ATMEL Corporation ATPL00B Datasheet HTML 30Page - ATMEL Corporation ATPL00B Datasheet HTML 31Page - ATMEL Corporation ATPL00B Datasheet HTML 32Page - ATMEL Corporation ATPL00B Datasheet HTML 33Page - ATMEL Corporation ATPL00B Datasheet HTML 34Page - ATMEL Corporation ATPL00B Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
31
Table 4-3.
Arithmetic Instructions
MNEMONIC
OPERATION
ADDRESSING MODES
EXECUTION
DIR
IND
REG
IMM
TIMES (mc)
ADD A,<byte>
A = A + <byte>
X
X
X
X
1
ADD A,<byte>
A = A + <byte> + C
X
X
X
X
1
SUBB A,<byte>
A = A
– <byte> – C
X
X
X
X
1
INC A
A = A + 1
Accumulator only
1
INC<byte>
<byte> = <byte> + 1
X
X
X
1
INC DPTR
DPTR = DPTR + 1
Data Pointer only
1
DEC A
A = A
– 1
Accumulator only
1
DEC<byte>
<byte> = <byte>
– 1
X
X
X
1
MUL AB
B*A = B x A
ACC and B only
2
DIV AB
A = Int[A/B]
ACC and B only
2
B = Mod[A/B]
DA A
Decimal Adjust
Accumulator only
1
4.4.4
Logical Instructions
Table 4-4 shows the list of logical instructions. The instructions that perform Boolean operations (AND, OR, Exclusive
OR, CPL) on bytes perform the operation on a bit-by-bit basis. That is, if the Accumulator contains 00110101B and byte
contains 01010011B, then:
ANL A, <byte>
will leave the Accumulator holding 00010001B.
The addressing modes that can be used to access the <byte> operand are listed in Table 4-4.
The ANL A, <byte> instruction may take any of the forms:
ANL
A,6FH
(direct addressing)
ANL
A,@R0
(indirect addressing)
ANL
A,R5
(register addressing)
ANL
A,#42H
(immediate constant)
All of the logical instructions execute in 1mc (0.3us using a 10MHz clock).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com