Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATPL00B Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 23Page - ATMEL Corporation ATPL00B Datasheet HTML 24Page - ATMEL Corporation ATPL00B Datasheet HTML 25Page - ATMEL Corporation ATPL00B Datasheet HTML 26Page - ATMEL Corporation ATPL00B Datasheet HTML 27Page - ATMEL Corporation ATPL00B Datasheet HTML 28Page - ATMEL Corporation ATPL00B Datasheet HTML 29Page - ATMEL Corporation ATPL00B Datasheet HTML 30Page - ATMEL Corporation ATPL00B Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
27
The functions of some SFRs are described in the text below, while others are described with their related peripherals.
Accumulator (address: E0H)
ACC is the Accumulator register. Note that mnemonics for accumulator specific instructions usually
refer to the Accumulator simply as A.
B Register (address: F0H)
The B register is used during multiply and divide operations. For other instructions it can be treated
as another scratch pad register.
PSW register (address: D0H)
The PSW register contains program status information as detailed below.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
B it 0
PSW
CY
AC
F0
RS1
RS0
OV
F1
P
CY: Carry flag
AC: Auxiliary carry flag
F0: General purpose flag
RS(1:0): Register bank select control bits
OV: Overflow flag
F1: User definable flag
P: Parity flag
Stack Pointer (address: 81H)
8 bit stack pointer that is initialized to internal memory of 07H. The user program can initialize it at
any internal RAM location ranging from 07H to FFH.
Auxiliary 1
The AUX1 register includes the data pointer selection bit, the software reset control and the switch to
enable wake-up from power-down using external interrupts.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
B it 0
AUX1
--
--
SRST
GF2
WUPD
0
--
DPS
--: Reserved bits
SRST: Software reset
GF2: General purpose flag
WUPD: When set, enables external interrupts driven wake-up from power down
0: fixed „0‟
DPS: Data pointer selector, selects between DPTR0 and DPTR1
P0, P1, P2, P3, P4, P5 registers
P1, P3, P4 and P5 are the SFR registers of Ports 1, 3, 4 and 5 respectively.
Writing a one/zero to a bit in these registers causes the corresponding port output pin to switch
high/low. When a port bit is used as an input the corresponding port SFR must be
set to „1‟.
Ports 3, 4 and 5 are pseudo bidirectional by default, and can be configured to push-pull or pseudo
bidirectional using SFRs P3M, P4M and P5M respectively, as follows: when P4M(i) is set, P4(i) is
configured as push-pull.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com