Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 169 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 169 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 164Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 165Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 166Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 167Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 168Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 169Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 170Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 171Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 172Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 169 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
169
H5GQ2H24AFR
Notes:
1.
When SEN is asserted, no commands are to be executed by the GDDR5 SGRAM. This applies to both user 
commands and manufacturing commands which may exist while RESET# is deasserted.
2.
All scan functionality is valid only after the appropriate power‐up (Steps 1‐4 of initialization sequence)
3.  In scan mode, all ODT will be disabled. 
Table 59. Scan Pin Description
PACKAGE 
BALL
SYMBOL
NORMAL 
FUNCTION
TYPE
DESCRIPTION
J‐2SSH
RESET#
Input
Scan Shift: capture the data input from the pad at logic LOW 
and shift the data on the chain at logic HIGH.
G‐12
SCK
CS#
Input
Scan Clock. Not a true clock, could be a single pulse or series of 
pulses. All scan inputs will be referenced to the rising edge of 
the scan clock.
C‐2SOUT
EDC0
Output
Scan Output.
J‐10
SEN
RFU
Input
Scan Enable: logic HIGH enables scan mode. Scan mode is 
disabled at logic LOW. Must be tied to VSSQ when not in use.
J‐1SOE#
MF
Input
Scan Output Enable: enables (registered LOW) and disables 
(registered HIGH) SOUT data. This pin will be tied to VDDQ or 
GND through a resistor (typically 1K Ohm) for normal 
operation. Tester needs to overdrive this pin to guarantee the 
required input logic level in scan mode.
Table 60. Scan AC Electrical Characteristics
PARAMETER/CONDITION
SYMBOL
MIN
MAX
UNIT
S
NOTES
Clock
Clock cycle time
tSCK
40
ns
1
Scan Command Time
Scan enable setup time
tSES
20
ns
1
Scan enable hold time
tSEH
20
ns
1
Scan command setup time for SSH, SOE# and SOUT
tSCS
14
ns
1
Scan command hold time for SSH, SOE# and SOUT
tSCH
14
ns
1
Scan Capture Time
Scan capture setup time
tSDS
10
ns
1
Scan capture hold time
tSDH
10
ns
1
Scan Shift Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com