Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 151 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 151 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 147Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 148Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 149Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 150Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 151Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 152Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 153Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 154Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 155Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
151
Rev A6
04/15/2019
8.58 READ PPB LOCK BIT OPERATION (RDPLB, A7h)
The Read PPB Lock Bit (RDPLB) command allows the PPB Lock Register contents to be read. It is possible to
read the PPB Lock Register continuously by providing multiples of eight bits. The PPB Lock Register contents may
only be read when the device is in standby state with no other operation in progress. It is recommended to check
the Write In Progress (WIP) bit before issuing a new command to the device.
Figure 8.136 Read PPB Lock Bit Sequence In SPI Mode
Instruction = A7h
7
CE #
SCK
SI
3
2
SO
1
0
Data Out
6
5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
4
tV
Figure 8.137 Read PPB Lock Bit Sequence In QPI Mode
A7h
0
1
Mode 3
Mode 0
2
3
7:4
3:0
CE#
SCK
IO[3:0]
tV
Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com