Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 155 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 155 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 151Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 152Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 153Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 154Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 155Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 156Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 157Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 158Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 159Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
155
Rev A6
04/15/2019
8.62 PROGRAM PASSWORD OPERATION (PGPWD, E8h)
Before the Program Password (PGPWD) command can be accepted by the device, a Write Enable (WREN)
command must be issued and decoded by the device which sets the Write Enable Latch (WEL) to enable the
PGPWD operation. The password can only be programmed before the Password Mode is selected by programming
the Password Protection Mode bit to “0” in the ASP Register (ASP[2]). After the Password Protection Mode is
selected the PGPWD command is ignored.
The PGPWD command is entered by driving CE# low, followed by the instruction code and the password data
bytes, least significant byte first, most significant bit of each byte first. The password is 64bits in length.
CE# must be driven high after the 64th bit of data has been latched. If not, the PGPWD command is not executed.
As soon as CE# is driven high, the PGPWD operation is initiated. While the PGPWD operation is in progress, the
Status Register or Extended Read Register may be read to check the value of the Write In Progress (WIP) bit. The
WIP bit is “1” during the PGPWD operation, and is “0” when it is completed. When the PGPWD operation is
completed, the Write Enable Latch (WEL) is set to “0”. The maximum clock frequency for the PGPWD command
is the same with Fast Read Operation.
Figure 8.144 Program Password Sequence In SPI Mode
Instruction = E8h
CE #
SCK
SI
SO
0
1
...
7
8
9
...
15
16
17
...
23
...
64
65
...
Mode 3
Mode 0
7
15
14
8
6
...
0
63
62
56
...
...
...
71
1
st byte Data In
2
nd byte Data In
...
8
th byte Data In
High Impedence
Figure 8.145 Program Password Sequence In QPI Mode
E8h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
2
3
4
5
1
st byte
Data In
2
nd byte
Data In
...
8
th byte
Data In
...
16
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com