Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 159 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 159 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 155Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 156Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 157Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 158Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 159Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 160Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 161Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 162Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 163Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
159
Rev A6
04/15/2019
9. ELECTRICAL CHARACTERISTICS
9.1 ABSOLUTE MAXIMUM RATINGS (1)
Storage Temperature
-65°C to +150°C
Surface Mount Lead Soldering Temperature
Standard Package
240°C 3 Seconds
Lead-free Package
260°C 3 Seconds
Input Voltage with Respect to Ground on All Pins
-0.5V to VCC + 0.5V
All Output Voltage with Respect to Ground
-0.5V to VCC + 0.5V
VCC
IS25LP
-0.5V to +6.0V
IS25WP
-0.5V to +2.5V
Note:
1.
Applied conditions greater than those listed in “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
9.2 OPERATING RANGE
Operating Temperature
Extended Grade E
-40°C to 105°C
Automotive Grade A3
-40°C to 125°C
VCC Power Supply
IS25LP
2.7V (VMIN)
– 3.6V (VMAX); 3.0V (Typ), Max 166MHz (1)
2.3V (VMIN)
– 3.6V (VMAX); 3.0V (Typ), Max 133MHz
IS25WP
1.65V (VMIN)
–1.95V (VMAX); 1.8V (Typ), Max 133MHz (2)
Notes:
1.
Max frequency is 133MHz at Mode 3.
2.
Max. Frequency is 104MHz with 3-byte address (24-bit address) fast read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com