Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 156 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 156 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 152Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 153Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 154Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 155Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 156Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 157Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 158Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 159Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 160Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
156
Rev A6
04/15/2019
8.63 UNLOCK PASSWORD OPERATION (UNPWD, E9h)
The UNPWD command is entered by driving CE# low, followed by the instruction code and the password data
bytes, least significant byte first, most significant bit of each byte first. The password is 64bits in length.
CE# must be driven high after the 64th bit of data has been latched. If not, the UNPWD command is not executed.
As soon as CE# is driven high, the UNPWD operation is initiated. While the UNPWD operation is in progress, the
Status Register or Extended Read Register may be read to check the value of the Write In Progress (WIP) bit. The
WIP bit is “1” during the UNPWD operation, and is “0” when it is completed.
If the UNPWD command supplied password does not match the hidden password in the Password Register, the
UNPWD command is ignored. This returns the device to standby state, ready for a new command such as a retry
of the UNPWD
command. If the password does match, the PPB Lock bit is set to “1”. The maximum clock frequency
for the UNPWD command is the same with Fast Read Operation.
Figure 8.146 Unlock Password Sequence In SPI Mode
Instruction = E9h
CE #
SCK
SI
SO
0
1
...
7
8
9
...
15
16
17
...
23
...
64
65
...
Mode 3
Mode 0
7
15
14
8
6
...
0
63
62
56
...
...
...
71
1
st byte Data In
2
nd byte Data In
...
8
th byte Data In
High Impedence
Figure 8.147 Unlock Password Sequence In SPI Mode
E9h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
2
3
4
5
1
st byte
Data In
2
nd byte
Data In
...
8
th byte
Data In
...
16
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com