Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 153 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 153 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 149Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 150Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 151Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 152Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 153Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 154Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 155Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 156Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 157Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
153
Rev A6
04/15/2019
8.60 SET FREEZE BIT OPERATION (SFRZ, 91h)
The Set FREEZE Bit (SFRZ) command sets FREEZE (PPB Lock Register bit7) to one. Please refer to the section
6.6.3 PPB Lock Register for more detail. Before the SFRZ command can be accepted by the device, a Write Enable
(WREN) command must be issued and decoded by the device, which sets the Write Enable Latch (WEL) in the
Status Register to enable any write operations.
The SFRZ command is entered by driving CE# low, followed by the instruction code. CE# must be driven high after
the eighth bit of instruction has been latched in. If not, the SFRZ command is not executed. As soon as CE# is
driven high, the SFRZ operation is initiated. While the SFRZ operation is in progress, the Status Register or
Extended Read Register may still be read to check the value of the Write
In Progress (WIP) bit. The WIP bit is “1”
during the SFRZ operation, and is “0” when it is completed. When the SFRZ operation is completed, the WEL is
set to “0”. The maximum clock frequency for the SFRZ command is the same with Fast Read Operation.
Figure 8.140 Set FREEZE Bit Sequence In SPI Mode
Instruction = 91h
CE#
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
SO
High Impedance
Figure 8.141 Set FREEZE Bit Sequence In QPI Mode
91h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com