Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 161 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 161 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 157Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 158Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 159Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 160Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 161Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 162Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 163Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 164Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 165Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
161
Rev A6
04/15/2019
Notes:
1. Maximum DC voltage on input or I/O pins is VCC + 0.5V. During voltage transitions, input or I/O pins may
overshoot VCC by +2.0V for a period of time not to exceed 20ns. Minimum DC voltage on input or I/O pins is
-0.5V. During voltage transitions, input or I/O pins may undershoot GND by -2.0V for a period of time not to
exceed 20ns.
2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured
at VCC = VCC (Typ), TA=25°C.
3. Outputs are unconnected during reading data so that output switching current is not included.
4. VIN = Vcc for the dedicated RESET# pin (or ball).
5. The Max of ILI and ILO for the dedicated RESET# pin (or ball) is ±2 µA.
6. These parameters are characterized and are not 100% tested.
9.4 AC MEASUREMENT CONDITIONS
Symbol
Parameter
Min
Max
Units
CL
Load Capacitance up to 104MHz/52MHz DTR
30
pF
Load Capacitance up to 166MHz/80MHz DTR
10
pF
TR,TF
Input Rise and Fall Times
5
ns
VIN
Input Pulse Voltages
0.2VCC to 0.8VCC
V
VREFI
Input Timing Reference Voltages
0.3VCC to 0.7VCC
V
VREFO
Output Timing Reference Voltages
0.5VCC
V
Figure 9.1 Output test load & AC measurement I/O Waveform
OUTPUT PIN
1.8k
1.2k
10/30pf
0.8VCC
0.2VCC
Input
VCC/2
AC
Measurement
Level
9.5 PIN CAPACITANCE
(TA = 25°C, VCC=3V (IS25LPx), 1.8V (IS25WPx), 1MHz)
Symbol
Parameter
Test Condition
IS25LP
IS25WP
Units
Min
Max
Min
Max
CIN
Input Capacitance
(CE#, SCK)
VIN = 0V
-
6
-
6
pF
CIN/OUT
Input/Output
Capacitance
(other pins)
VIN/OUT = 0V
-
8
-
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com