Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 162 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 162 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 158Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 159Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 160Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 161Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 162Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 163Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 164Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 165Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 166Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
162
Rev A6
04/15/2019
9.6 AC CHARACTERISTIC
(Under operating range, refer to section 9.4 for AC measurement conditions)
Symbol
Parameter
Min
Typ(2)
Max
Units
fCT
Clock Frequency except for fast read
DTR and read (03h)
Vcc=2.7V~3.6V
0
166(3)
MHz
Vcc=2.3V~3.6V
0
133
MHz
Vcc=1.65V~1.95V
133(3)
MHz
Clock Frequency for fast read DTR:
SPI DTR, Dual DTR, Dual I/O DTR, Quad I/O DTR, and QPI
DTR.
0
80
MHz
fC
Clock Frequency for read (03h)
0
80
MHz
tCLCH(1)
SCK Rise Time (peak to peak)
0.1
V/ns
tCHCL(1)
SCK Fall Time ( peak to peak)
0.1
V/ns
tCKH
SCK High Time
For read (03h)
0.45 x 1/fCmax
ns
For others
0.45 x 1/fCTmax
tCKL
SCK Low Time
For read (03h)
0.45 x 1/fCmax
ns
For others
0.45 x 1/fCTmax
tCEH
CE# High Time
7
ns
tCS
CE# Setup Time
IS25LP
3
ns
IS25WP
5
tCH
CE# Hold Time
3
ns
tDS
Data In Setup Time
STR
2
ns
DTR
1.5
tDH
Data in Hold Time
STR
2
ns
DTR
1.5
tV
Output
Valid
IS25LP
2.7~3.6V,
-40°C to 85°C
@10pF
5.5(4).
ns
@30pF
7.0(4).
2.3~3.6V,
-40°C to 125°C
@10pF
6.5.
@30pF
8.0
IS25WP
1.65~1.95V,
-40°C to 125°C
@10pF
5.5.
@30pF
7.0
tOH
Output Hold Time
2
ns
tDIS(1)
Output Disable Time
8
ns
tHLCH
HOLD Active Setup Time relative to SCK
2
ns
tCHHH
HOLD Active Hold Time relative to SCK
2
ns
tHHCH
HOLD Not Active Setup Time relative to SCK
2
ns
tCHHL
HOLD Not Active Hold Time relative to SCK
2
ns
tLZ(1)
HOLD to Output Low Z
8
ns
tHZ(1)
HOLD to Output High Z
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com